Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901A2-I/ML Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP3901A2-I/ML
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2-I/ML Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP3901A2-I/ML Datasheet HTML 24Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 25Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 26Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 27Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 28Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 29Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 30Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 31Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
MCP3901
DS22192A-page 28
© 2009 Microchip Technology Inc.
5.6
ADC OUTPUT CODING
The second order modulator, SINC3 filter, PGA, VREF
and analog input structure all work together to produce
the device transfer function for the analog to digital con-
version, Equation 5-3.
The channel data is either a 16-bit or 24-bit word,
presented
in
23-bit
or
15-bit
plus
sign,
two’s
complement format and is MSB (left) justified.
The ADC data is two or three bytes wide depending on
the WIDTH bit of the associated channel. The 16-bit
mode includes a round to the closest 16-bit word
(instead of truncation) in order to improve the accuracy
of the ADC data.
In case of positive saturation (CHn+ - CHn- > VREF/3),
the output is locked to 7FFFFF for 24 bit mode (7FFF
for 16 bit mode). In case of negative saturation (CHn+
- CHn- <-VREF/3), the output code is locked to 800000
for 24-bit mode (8000 for 16 bit mode).
Equation 5-3 is only true for DC inputs. For AC inputs,
this transfer function needs to be multiplied by the
transfer function of the SINC3 filter (see Equation 5-1
and Equation 5-2).
EQUATION 5-3:
5.6.1
ADC RESOLUTION AS A FUNCTION
OF OSR
The ADC resolution is a function of the OSR
(Section 5.5 “SINC3 Filter”). The resolution is the
same for both channels. No matter what the resolution
is, the ADC output data is always presented in 24-bit
words, with added zeros at the end if the OSR is not
large enough to produce 24-bit resolution (left
justification).
DATA_CHn
CH
n+
CH
n-
–
()
V
REF+
V
REF-
–
-------------------------------------
⎝⎠
⎛⎞
8,388,608
G
3
×
×
×
=
DATA_CHn
CH
n+
CH
n-
–
()
V
REF+
V
REF-
–
-------------------------------------
⎝⎠
⎛⎞
32 768
,G
3
×
×
×
=
(For 24-bit Mode Or WIDTH = 1)
(For 16-bit Mode Or WIDTH = 0)
TABLE 5-4:
OSR = 256 OUTPUT CODE EXAMPLES
ADC Output Code (MSB First)
Hexadecimal
Decimal
0111
1111
11 11
1111
1111
11 11
0x7FFFFF
+ 8,388,607
0111
1111
11 11
1111
1111
11 10
0x7FFFFE
+ 8,388,606
0000
0000
00 00
0000
0000
00 00
0x000000
0
1111
1111
11 11
1111
1111
11 11
0xFFFFFF
-1
1000
0000
00 00
0000
0000
00 01
0x800001
- 8,388,607
1000
0000
00 00
0000
0000
00 00
0x800000
- 8,388,608
TABLE 5-5:
OSR = 128 OUTPUT CODE EXAMPLES
ADC Output Code (MSB First)
Hexadecimal
Decimal
23-bit Resolution
0111
1111
111 1
111 1
111 1
111 0
0x7FFFFE
+ 4,194,303
0111
1111
111 1
111 0
111 1
110 0
0x7FFFFC
+ 4,194,302
0000
0000
000 0
000 0
000 0
000 0
0x000000
0
1111
1111
111 1
111 1
111 1
111 0
0xFFFFFE
-1
1000
0000
000 0
000 0
000 0
001 0
0x800002
- 4,194,303
1000
0000
000 0
000 0
000 0
000 0
0x800000
- 4,194,304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com