Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901A2-I/ML Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP3901A2-I/ML
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2-I/ML Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP3901A2-I/ML Datasheet HTML 44Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 45Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 46Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 47Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 48Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 49Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 50Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 51Page - Microchip Technology MCP3901A2-I/ML Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
MCP3901
DS22192A-page 48
© 2009 Microchip Technology Inc.
7.6
Configuration Registers
The configuration registers contain settings for the
internal clock prescaler, the oversampling ratio, the
channel 0 and channel 1 width settings of 16 or 24 bits,
the modulator output control settings, the state of the
channel resets and shutdowns, the dithering algorithm
control (for idle tones suppression), and the control bits
for the external VREF and external CLK.
REGISTER 7-6:
CONFIGURATION REGISTERS:
CONFIG1: ADDRESS 0X0A, CONFIG2: ADDRESS 0X0B
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
PRESCALE
<1>
PRESCALE
<0>
OSR<1>
OSR<0>
WIDTH
_CH1
WIDTH
_CH0
MODOUT
_CH1
MODOUT
_CH0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
RESET
_CH1
RESET
_CH0
SHUTDOWN
_CH1
SHUTDOWN
_CH0
DITHER
_CH1
DITHER
_CH0
VREFEXT
CLKEXT
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15:14
PRESCALE<1:0> Internal Master Clock (AMCLK) Prescaler Value
11
= AMCLK = MCLK/ 8
10
= AMCLK = MCLK/ 4
01
= AMCLK = MCLK / 2
00
= AMCLK = MCLK (default)
bit 13-12
OSR<1:0> Oversampling Ratio for Delta-Sigma A/D Conversion (all channels, DMCLK/DRCLK)
11
= 256
10
= 128
01
= 64 (default)
00
= 32
bit 11:10
WIDTH<1:0> ADC Channel output data word width
1
= 24 bit mode
0
= 16 bit mode(default)
bit 9:8
MODOUT<1:0>: Modulator Output Setting for MDAT pins
11
= Both CH0 and CH1 Modulator Outputs present on MDAT1 and MDAT0 pins
10
= CH1 ADC Modulator Output present on MDAT1 pin
01
= CH0 ADC Modulator Output present on MDAT0 pin
00
= No modulator output is enabled (default)
bit 7:6
RESET<1:0>: RESET MODE SETTING FOR ADCs
11
= Both CH0 and CH1 ADC are in reset mode
10
= CH1 ADC in reset mode
01
= CH0 ADC in reset mode
00
= Neither Channel in reset mode(default)
bit 5:4
SHUTDOWN<1:0>: SHUTDOWN MODE SETTING FOR ADCs
11
= Both CH0 and CH1 ADC in Shutdown
10
= CH1ADC in Shutdown
01
= CH0 ADC in Shutdown
00
= Neither Channel in Shutdown(default)
bit 3:2
DITHER<1:0>: Control for dithering circuit
11
= Both CH0 and CH1 ADC have dithering circuit applied (default)
10
= Only CH1 ADC has dithering circuit applied
01
= Only CH0 ADC has dithering circuit applied
00
= Neither Channel has dithering circuit applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com