Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR5SC20FE Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TCR5SC20FE
Description  150 mA CMOS Low-Dropout Regulator (Point regulator)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SC20FE Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TCR5SC20FE Datasheet HTML 3Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 4Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 5Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 6Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 7Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 8Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 9Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 10Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TCR5SC15FE~TCR5SC36FE
2008-11-11
7
Representative Typical Characteristics
1) Output Voltage vs. Input Voltage
2) Output Voltage vs. Output Current
45
TCR5SC18FE
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 1 μF
Output current
IOUT (mA)
150
75
45
0
1.7
1.8
1.9
15
30
60
90
105
120
135
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 1 μF
Output current
IOUT (mA)
TCR5SC15FE
1.6
1.5
1.4
0
15
30
60
75
90
105
135
150
120
CIN = 0.1 μF, COUT = 1 μF
50 mA
150 mA
IOUT = 10 mA
3.5
3
2
0
6
5
4
3
1
TCR5SC30FE
Input voltage
VIN (V)
0
0.5
1
1.5
2
2.5
Input voltage
VIN (V)
6
5
4
3
2
1
0
2.0
1.5
1.0
0.5
0
TCR5SC15FE
CIN = 0.1 μF, COUT = 1 μF
50 mA
150 mA
IOUT = 10 mA
0
1
TCR5SC25FE
Input voltage
VIN (V)
6
5
4
3
2
1
0
0.5
1.5
2
2.5
3
IOUT = 10 mA
150 mA
CIN = 0.1 μF, COUT = 1 μF
50 mA
CIN = 0.1 μF, COUT = 1 μF
6
5
4
3
2
1
0
0
0.5
1
1.5
2
3
2.5
Input voltage
VIN (V)
TCR5SC18FE
50 mA
150 mA
IOUT = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com