Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR5SC20FE Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR5SC20FE
Description  150 mA CMOS Low-Dropout Regulator (Point regulator)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SC20FE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR5SC20FE Datasheet HTML 1Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 2Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 3Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 4Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 5Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 6Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 7Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 8Page - Toshiba Semiconductor TCR5SC20FE Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TCR5SC15FE~TCR5SC36FE
2008-11-11
3
Electrical Characteristics
(Unless otherwise specified,
VIN =VOUT +1 V, IOUT = 50 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
Please refer to the Output Voltage Accuracy table
Line regulation
Reg・line
VOUT + 0.5 V ≤ VIN ≤ 6 V,
IOUT = 1 mA
⎯
1
15
mV
Load regulation
Reg・load 1 mA
≤ IOUT ≤ 100 mA
⎯
15
30
mV
Quiescent current
IB
IOUT = 0 mA
⎯
32
75
μA
Stand-by current
IB (OFF)
VCT = 0 V
⎯
0.1
1.0
μA
Dropout voltage
VIN-VOUT
Please refer to the Dropout voltage table
Temperature coefficient
TCVO
−40°C ≤ Topr ≤ 85°C
⎯
100
⎯
ppm/°C
TCR5SC15FE
2.0
⎯
6.0
TCR5SC16FE to TCR5SC17FE
2.1
⎯
6.0
TCR5SC18FE to TCR5SC19FE
VOUT +
0.35 V
⎯
6.0
TCR5SC20FE to TCR5SC21FE
VOUT +
0.28 V
⎯
6.0
TCR5SC22FE to TCR5SC24FE
VOUT +
0.25 V
⎯
6.0
Input voltage
VIN
⎯
TCR5SC25FE to TCR5SC36FE
VOUT +
0.20 V
⎯
6.0
V
Ripple rejection ratio
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
f
= 1 kHz, VRipple = 500 mVp-p,
Ta
= 25°C
⎯
70
⎯
dB
Control voltage (ON)
VCT (ON)
⎯
1.1
⎯
6.0
V
Control voltage (OFF)
VCT (OFF)
⎯
0
⎯
0.3
V
Control current (ON)
ICT (ON)
VCT = 6.0 V
⎯
⎯
0.1
μA
Control current (OFF)
ICT (OFF) VCT = 0 V
⎯
⎯
0.1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com