Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM134 Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM134
Description  16-Bit Constant Current LED Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM134 Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM134 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DM134
、DM135、DM136
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-12-
Version
:A.013
Note
As the power dissipation of a semiconductor chip is limited by its package and ambient
temperature, this device requires a maximum output current given by an operating condition.
The maximum allowable power consumption (Pd (max)) of this device is calculated as
follows:
)
/
(
Rth
)
)(
)
emperature
(ambient t
Ta
-
(max)
e)
temperatur
(junction
(Tj
)
(max)(
Watt
C
C
Watt
Pd
°
°
=
Based on the Pd (max), the maximum allowable current can be calculated as follows:
Iout = ( Pd – VDD‧IDD) / ( # outputs‧Vo‧Duty )
Imax - Ta ( DM136 )
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
0
20
40
60
80
100 120 140 160
Ta
Imax - Ta ( DM135 )
0.00
10.00
20.00
30.00
40.00
50.00
60.00
0
20406080
100 120 140 160
Ta
Imax - Ta ( DM134 )
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
0
20
40
60
80
100 120 140 160
Ta
Pd - Ta
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
0
20
40
60
80
100 120 140 160
Ta
Vdd = 5V
Vout = 1.5V
16bit Active
Vdd = 5V
Vout = 1.5V
16bit Active
Vdd = 5V
Vout = 1.5V
16bit Active
DIP
QFN
SSOP
DIP
QFN
SSOP
SSOP
QFN
DIP
SSOP
DIP
QFN
SOP
SOP
SOP
SOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com