Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM134 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM134
Description  16-Bit Constant Current LED Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM134 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM134 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DM134
、DM135、DM136
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-1-
Version
:A.013
DM134、DM135、DM136
16-Bit Constant Current LED Drivers
General Description
The DM134、DM135、DM136 are constant current drivers specifically designed for LED
display applications. The value of constant current can be varied using an external resistor. The
devices include a 16-bit shift register, latches, and constant current drivers on a single Silicon
CMOS chip.
Features
5V CMOS Compatible Input
Maximum Clock Frequency: 25MHz (Cascade Operation)
Maximum Output Voltage:
17V
Package:
DIP24, SOP24, SSOP24, QFN32,
TSSOP24-exposedPAD(DM135)
Package and Pin Layout:
Pin layout and functionality are similar to those of the ST2221C.
(Each characteristic value is different.)
Constant Current Matching: (Ta = 25
°C、VDD = 5.0V)
Chip-to-Chip:
± 10.0%
Bit-to-Bit:
DM134:
± 4.0% @ IOUT = 30 ~ 90mA
± 6.0% @ IOUT = 20 ~ 30mA
DM135:
± 4.0% @ IOUT = 10 ~ 50mA
± 6.0% @ IOUT = 5 ~ 10mA
DM136:
± 4.0% @ IOUT = 3 ~ 15mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com