Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM11C Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM11C
Description  8-bit Constant Current LED Driver with Error Detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM11C Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM11C Datasheet HTML 9Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 10Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 11Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 12Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 13Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 14Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 15Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 16Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
8-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 12
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM11C
Thermal Shutdown
During operation, when the junction temperature of the IC will reach approximately above
180℃, it will cause the driver to shutdown all the outputs. Basically, the IC will cool down and
return to the safe operating temperature which is approximately below 110℃. DM11C will restart
all the outputs at the same time. Operation in the thermal situation for a long time may cause chip
damage permanently.
LED Open/Short Detection
The result of open/short detection of DM11C could be retrieved from serial-out (DAO) data. It
will be identified as a LED open failure when the output is turned on but the output voltage is below
0.3V. And then it will be identified as a LED short failure when the output is turned on but the
output voltage is above 1/2 VCC.
To set up with the following conditions: (1) the image data written in shift register
corresponding to particular output channel is ‘1’; (2) the output enable terminal is activated
(EN=‘L’); (3) the rising edge of the latch signal (LAT), DM11C will execute LED open/short
detection then renews the results within the corresponding shift register.
By using the error message retrieved from serial-out data, system can recognize the status of
every LED driven by each channel. For either LED open or short detection, the original image data
is written to ‘1’ but ‘0’ is retrieved then a LED failure has occurred. If the image data is written to
‘0’ or the output enable terminal is inactive (EN=‘H’), it will not execute any detection process for
the corresponding channel. Therefore, system still retrieves the original image data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com