Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM11C Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # DM11C
Description  8-bit Constant Current LED Driver with Error Detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM11C Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DM11C Datasheet HTML 3Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 4Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 5Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 6Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 7Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 8Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 9Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 10Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
8-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM11C
Electrical Characteristics (VCC = 5.0 V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
CMOS logic level
0.8VCC
⎯
VCC
Input Voltage “L” Level
VIL
CMOS logic level
GND
⎯
0.2VCC
V
Output Leakage Current
IOL
VOH = 17 V
⎯
⎯
±1.0
uA
VOL
IOL = 1.5 mA
⎯
⎯
0.2
Output Voltage (S-OUT)
VOH
IOH= 1.5 mA
VCC-0.2
⎯
⎯
V
Output Current Skew
(Channel-to-Channel)
*1
IOL1
⎯
⎯
±3
%
Output Current Skew
(Chip-to-Chip)
*2
IOL2
VOUT = 1.0 V
Rrext = 2.2 K
Ω
23.5
25
26.5
mA
Output Voltage Regulation
% / VOUT
Rrext = 2.2 K
Ω
VOUT = 1 V ~ 3 V
⎯
±0.1
±0.5
Supply Voltage Regulation
% / VCC
Rrext = 2.2 K
Ω
⎯
±1
±4
% / V
LED Open Detection Threshold
V(od)
⎯
0.3
⎯
LED Short Detection Threshold
V(sd)
all outputs turn on
⎯
0.5VCC
⎯
V
Thermal Shutdown Threshold
T(sht)
junction temperature
⎯
180
⎯
°C
IDD(off)
power on
all pins are open
unless VCC and GND
⎯
1.8
⎯
IDD(off)
input signal is static
Rrext = 2.9 K
Ω
all outputs turn off
⎯
2.8
⎯
IDD(on)
input signal is static
Rrext = 2.9 K
Ω
all outputs turn on
⎯
3.6
⎯
IDD(off)
input signal is static
Rrext = 560
Ω
all outputs turn off
⎯
7.1
⎯
Supply Current
*3
IDD(on)
input signal is static
Rrext = 560
Ω
all outputs turn on
⎯
8.4
⎯
mA
*1 Channel-to-channel skew is defined as the ratio between (any Iout – average Iout) and average Iout, where average
Iout = (Imax + Imin) / 2.
*2 Chip-to-Chip skew is defined as the range into which any output current of any IC falls.
*3 IO excluded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com