Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM115B Datasheet(PDF) 14 Page - Silicon Touch Technology Inc.

Part # DM115B
Description  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM115B Datasheet(HTML) 14 Page - Silicon Touch Technology Inc.

Back Button DM115B Datasheet HTML 9Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 10Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 11Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 12Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 13Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 14Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 15Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 16Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 17Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
DM115B
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.001
Page 13
Package Outline
PDIP16
Unit: mm
16
9
1
8
Weight : 1.11g(Typ.)
19.69MAX
0.4572
1.524
2.54
19.18
±0.51
0.635
±0.254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com