Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM115B Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # DM115B
Description  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM115B Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button DM115B Datasheet HTML 2Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 3Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 4Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 5Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 6Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 7Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 8Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 9Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DM115B
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.001
Page 5
Maximum Ratings (Ta = 25°C, Tj
(max) = 150°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VDD
0 ~ 7.0
V
Input Voltage
VIN
-0.4 ~ VDD+0.4
V
Output Current
IOUT
60
mA
Output Voltage
VOUT
-0.3 ~ 17
V
Clock Frequency
fCLK
25
MHz
GND Terminal Current
IGND
500
mA
1.64 ( PDIP-16 : Ta=25
°C)
1.08 ( SOP-16 : Ta=25
°C)
0.8 ( SSOP-16 : Ta=25
°C) single-layer
Power Dissipation
PD
1.47 ( SSOP-16 : Ta=25
°C) 4-layer
W
76 ( PDIP-16 )
115 ( SOP-16 )
155 ( SSOP-16 ) single-layer
Thermal Resistance
Rth(j-a)
85 (SSOP-16) 4-layer
°C/W
Storage Temperature
Tstg
-55 ~ 150
°C
Recommended Operating Condition
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
⎯
3.0
⎯
5.5
V
Output Voltage
VOUT
⎯
⎯
⎯
17
V
Operating temperature
TOPR
⎯
-40
⎯
85
℃
IO
OUTn
⎯
⎯
60
IOH
SERIAL-OUT
⎯
⎯
1.0
Output Current
IOL
SERIAL-OUT
⎯
⎯
-1.0
mA
VIH
⎯
0.7VDD
⎯
VDD+0.3
Input Voltage
VIL
⎯
-0.3
⎯
0.3VDD
V
LATCH Pulse Width
tw LAT
15
⎯
⎯
ns
CLOCK Pulse Width
tw CLK
15
⎯
⎯
ns
Set-up Time for DATA
tsetup(D)
10
⎯
⎯
ns
Hold Time for DATA
thold(D)
5
⎯
⎯
ns
Set-up Time for LATCH tsetup(L)
VDD = 3.0 ~ 5.5 V
15
⎯
⎯
ns
Clock Frequency
fCLK
2 chips cascade operation
⎯
⎯
25
MHz
Ta = 85
°C(PDIP-16)
⎯
⎯
0.85
Ta = 85
°C(SOP-16)
⎯
⎯
0.56
Power Dissipation
PD
Ta = 85
°C(SSOP-16)
⎯
⎯
0.41
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com