Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM634 Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM634
Description  16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM634 Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM634 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 16-bit PWM Constant Current LED Driver
Version : A.003
Page 12
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM634
Selection of Internal/External PWM Frequency
The default operation mode is the free-running PWM signal generated by internal oscillator
after power-on. Users could switch internal to external PWM frequency source by following timing
sequence. There are two alternative options could be selected. The option 1 shows three rising edges
of latch pulse ( LAT ) when the clock (DCK) kept at high level then two rising edges of clock (DCK)
pulse when the latch pulse ( LAT ) kept at high level. Then the SOMODE/GCK pin could input
external frequency to operate PWM function. The option 2 shows four rising edges of latch
pulse( LAT ) when clock(DCK) kept at high level then sending three rising edges of clock (DCK)
signal, while latch( LAT ) signal kept high level at the same time. Meanwhile the GCK external mode
can be set back to the free-running mode. Notice that when internal RESET at low level, all the shift
registers in DM634 will be cleared (Kept at Low level) and all output current will be off
immediately.
DCK
LAT
Normal Operation
t
DCK
LAT
RESET
(internal)
Option 2 : Timing Combination to set up
free-running mode
t
DCK
LAT
Option 1 : Timing Combination to set up
external GCK mode
RESET
(internal)
t
12
3
12
12
3
12
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com