Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM634 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM634
Description  16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM634 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM634 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 16-bit PWM Constant Current LED Driver
Version : A.003
Page 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM634
DM634
16-CHANNEL CONSTANT CURRENT LED DRIVER
WITH PROGRAMMABLE PWM OUTPUTS
General Description
DM634 is a 16-channel constant current sink LED driver. Each channel has adjustable 16-bits
(65536 steps) grayscale PWM control current outputs. 7-bit global brightness control is included in
supporting user to adjust chip current easily. It incorporates shift registers, data latches, constant
current circuitry with current value set by an external resistor, selectable oscillator source for PWM
functioning, and built-in LED open/short detection circuit to detect error status. It supports thermal
alarm and shutdown function; system retrieve the message to indicate when junction temperature
over limitation of chip. It is specifically designed for LED display and lighting applications.
Features
Constant-current outputs: 5mA to 90mA
16-bit linear PWM control current output per channel
7-bit high accuracy global brightness control
Maximum output voltage: 17V
Maximum clock frequency: 25MHz
Selectable internal/external PWM reference clock
PWM free-running capability (refresh rate ~ 275 Hz with internal oscillator ~ 18 MHz)
Build-in real-time LED open/short detection
Thermal Alarm and Shotdown –
Alarm : Junction Temperature >110℃
Shutdown : Junction Temperature > 180℃
Package and pin assignment (except QFN32) compatible to conventional LED driver series
(ST2221C, DM134B/5B, DM13C)
Power supply voltage: 3.3V to 5.5 V
Applications
Indoor/Outdoor LED Video Display
LED Variable Message Signs (VMS) System
LED Decorative Lighting
Package Types
SOP24, SSOP24, TSSOP24E (with exposed pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com