Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD178 Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # FD178
Description  Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control ( 2.0 to 6.5 Volts )
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD178 Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  FD178 Datasheet HTML 1Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 2Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 3Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 4Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 5Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 6Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 7Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 8Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control( 2.0 to 6.5 Volts )
Version
:A.005
Page
:4
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
FD178/FD178B/FD178C
Truth Table
PWM
Hall input
O1
O2
L
X
L
L
H
HP > HN
H
L
H
HP < HN
L
H
Hall Signal
In order to let FD178 normal work, two output signals of the Hall must satisfy the
following two conditions:
(a) Hall average output DC voltage, VDC>400mV
(b) Hall amplitude of waveform voltage, VAmplitude>20mV
VIH
VIL
VPWM
O1, O2
VDD
HP or HN
VDC
VAmplitude
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com