Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD178 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # FD178
Description  Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control ( 2.0 to 6.5 Volts )
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD178 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button FD178 Datasheet HTML 2Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 3Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 4Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 5Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 6Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 7Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 8Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 9Page - Silicon Touch Technology Inc. FD178 Datasheet HTML 10Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control( 2.0 to 6.5 Volts )
Version
:A.005
Page
:6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
FD178/FD178B/FD178C
Thermal Shutdown
The FD178 provides a temperature error detection circuit, once the temperature
reaches approximately above 122oC, shutdown signal will cause the driver to shutdown
all the outputs.
Application Notes
The device is operated within wide supply voltage range from 2.0 to 6.5 Volts. The
design, specifications and performance have been optimized for 5V brushless DC
motor applications.
The output driver node O1/O2 will be “turned to drive/sink” when V(HP) > V(HN).
Similarly, the output O1/O2 will be “turned to sink/drive” when V(HP) < V(HN).
The output frequency on FGR pin is the same frequency with hall switching for FD178,
dividing the hall switching frequency with 2 for FD178B, and the rotating detection for
FD178C.
There is no need of external timing capacitor for lock protection and auto-restart
function. For 5V application, the drivers will be shut down roughly 1 second after the
motor is locked. When the drivers have been shut down, the automatic self-restart
circuit will try to power up the drivers every 1 second until lock is released.
Shutdown
Normal
℃
122℃
+10℃
(3
σ)
-10℃
(3
σ)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com