Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD178C Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # FD178C
Description  Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control ( 2.0 to 6.5 Volts )
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD178C Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  FD178C Datasheet HTML 1Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 2Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 3Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 4Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 5Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 6Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 7Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 8Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control( 2.0 to 6.5 Volts )
Version
:A.005
Page
:1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
FD178/FD178B/FD178C
General Specifications
The device is a single coil DC brushless motor driver IC with soft-switch, PWM
control, locked protection, thermal shut down protection circuit, power polarity reverse
protection, frequency generator FG output for FD178, FG/2 output for FD178B, and
rotating detector RD output for FD178C. The driver is optimal for single coil fan
applications with less external components.
Features and Benefits
Support single-phase full wave Brushless DC Motor Driver
Built-in Hall sensor input signal amplifier
PWM control circuit
Low voltage startup (VDD=2.0V)
High driving capability
Lock detection and automatic self-restart
Power polarity reverse protection
Thermal shut down protection circuit
Thin, compact, highly reliable package (TSOT-28)
Pin Description
FD178/FD178B/FD178C:TSOT-28
Package : TSOT-28
NO.
NAME
DESCRIPTION
1
O1
Output driving & sinking pin 1
2
VSS
Ground pin
3
FGR
Frequency generator or rotating detector
FD178:FG
FD178B:FG/2
FD178C:RD
4
HP
Hall sensor in+
5
HN
Hall sensor in-
6
PWM
PWM control pin
7
VDD
Power supply pin
8
O2
Output driving & sinking pin 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com