Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD178C Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # FD178C
Description  Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control ( 2.0 to 6.5 Volts )
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD178C Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  FD178C Datasheet HTML 1Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 2Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 3Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 4Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 5Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 6Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 7Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 8Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control( 2.0 to 6.5 Volts )
Version
:A.005
Page
:3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
FD178/FD178B/FD178C
Electrical Characteristics
( Unless otherwise noted, VDD=5V, TA = 25 °C )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
Operation Voltage
VDD
-
2
5
6.5
V
Supply Current
Icc
-
3
5
mA
Maximum Output
Voltage Range
VOH
IOUT = 300 mA
4.5
4.65
-
V
Minimum Output
Voltage Range
VOL
IOUT = 300 mA
-
0.35
0.5
V
FG Output
Low Voltage
VFGROL
IFGR= 3 mA
-
0.25
0.4
V
Hall Amplifier Offset
VOffSet
-
-9
0
9
mV
Input-Output Gain
GIO
-
45
48
51
dB
Automatic self-restart
Lock detection
on Time
TON
-
110
150
190
ms
Lock detection
off Time
TOFF
-
0.75
1.05
1.35
Sec
PWM signal control
PWM input
frequency
VPWM
-
-
25
50
KHZ
PWM input high
level voltage
VIH
-
3
2 V
DD
-
VDD
V
PWM input low
level voltage
VIL
-
0
-
3
1 V
DD
V
Hall signal output
Hall average output
DC voltage
VDC
-
400
-
-
mV
Hall amplitude of
waveform voltage
VAmplitude
-
20
-
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com