Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD216 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # FD216
Description  Brushless Vibrator Driver Built-in Hall Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD216 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  FD216 Datasheet HTML 1Page - Silicon Touch Technology Inc. FD216 Datasheet HTML 2Page - Silicon Touch Technology Inc. FD216 Datasheet HTML 3Page - Silicon Touch Technology Inc. FD216 Datasheet HTML 4Page - Silicon Touch Technology Inc. FD216 Datasheet HTML 5Page - Silicon Touch Technology Inc. FD216 Datasheet HTML 6Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Brushless Vibrator Driver Built-in Hall Sensor
Version
:A.010
Page
:1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
11-FD216
Brushless Vibrator Driver
Built-in Hall Sensor
General Specifications
The device is designed specifically for brushless DC motor applications without any
external components, such as vibrator, ultra-small blushless motor. Each device includes a
HALL sensor, a lock detection circuit to shut down the driver output for the lock prevention,
and complementary bi-directional drivers for driving and sinking coil load.
If the motor rotation is stall by external forces or obstacles, the drivers will shut down
roughly 0.5 to 2 seconds after the motor is locked. When the drivers shut down, the
automatic self-restart circuit will try to power up the drivers every 0.5 to 2 seconds till the
motor locking is released.
Pin Description
Features and Benefits
Optimized for small Brushless DC Motor applications
Low voltage operation
Built-in Hall effect sensor
Built-in Reverse Protection
Lock detection and automatic self-restart without external capacitor
High sinking and driving output capability
Thin, highly reliable package (CSP6)
NO.
NAME
Description
1
O2
Output Driver2
2
NC
No Connection
3
VSS
Ground
4
O1
Output Driver1
5
NC
No Connection
6
VDD
Power



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com