Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD216 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # FD216
Description  Brushless Vibrator Driver Built-in Hall Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD216 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  FD216 Datasheet HTML 1Page - Silicon Touch Technology Inc. FD216 Datasheet HTML 2Page - Silicon Touch Technology Inc. FD216 Datasheet HTML 3Page - Silicon Touch Technology Inc. FD216 Datasheet HTML 4Page - Silicon Touch Technology Inc. FD216 Datasheet HTML 5Page - Silicon Touch Technology Inc. FD216 Datasheet HTML 6Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Brushless Vibrator Driver Built-in Hall Sensor
Version
:A.010
Page
:2
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
11-FD216
Absolute Maximum Ratings ( Unless otherwise noted, T
A = 25 °C )
Characteristic
Symbol
Rating
Unit
Supply Voltage
VDD
5.5
V
Output Current
IOUT
200
mA
Power Dissipation
PD
400
mW
Thermal Resistance, Junction to Ambien
θJA
70
°C/ W
Operating Temperature Range
TOPR
-40 ~ 125
°C
Storage Temperature Range
TSTG
-65 ~ 150
°C
Electrical Characteristics (Unless otherwise noted,T
A= 25°C , VDD= 3V )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
Operating
1.8
3
4.5
V
Magnetic Specifications ( TJ = 25℃)
Operating Point
BOP
-
1.0
10
mT
Release Point
BRP
-
-1.0
-10
mT
Hystersis
BHYS
-
2.0
20
mT
O1/O2 Output Terminal ( TJ = 25℃)
Output Voltage High
VOH
IOUT = 100 mA
2.6
2.85
-
V
Output Voltage Low
VOL
IOUT = 100 mA
-
0.3
0.5
V
Output Current
IOUT
RL = 30Ω
-
85
-
mA
Automatic Self-Restart Circuit
On Time
TON
-
-
156
-
ms
Duty Ratio
RDR
TOFF / TON
3
Driver Output v.s. Magnetic Pole
Magnetic Field
O1
O2
North magnetic pole
H
L
South magnetic pole
L
H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com