Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9804 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP9804
Description  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP9804 Datasheet HTML 12Page - Microchip Technology MCP9804 Datasheet HTML 13Page - Microchip Technology MCP9804 Datasheet HTML 14Page - Microchip Technology MCP9804 Datasheet HTML 15Page - Microchip Technology MCP9804 Datasheet HTML 16Page - Microchip Technology MCP9804 Datasheet HTML 17Page - Microchip Technology MCP9804 Datasheet HTML 18Page - Microchip Technology MCP9804 Datasheet HTML 19Page - Microchip Technology MCP9804 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
MCP9804
DS22203A-page 16
© 2009 Microchip Technology Inc.
5.1
Registers
The
MCP9804
has
several
registers
that
are
user-accessible.
These
registers
include
the
Temperature
register,
Configuration
register,
Temperature
Alert
Upper-Boundary
and
Lower-Boundary Limit registers, Critical Temperature
Limit register, Manufacturer Identification register and
Device Identification register.
The Temperature register is read-only, used to access
the ambient temperature data. This register is double
buffered
and
it
is
updated
every
tCONV. The
Temperature
Alert
Upper-Boundary
and
Lower-Boundary
Limit
registers
are
read/writes
registers. If the ambient temperature drifts beyond the
user-specified limits, the MCP9804 outputs a signal
using the Alert pin (refer to
Section 5.2.3). In addition,
the Critical Temperature Limit register is used to
provide an additional critical temperature limit.
The
Configuration
register
provides
access
to
configure the MCP9804’s various features. These
registers are described in further detail in the following
sections.
The registers are accessed by sending a Register
Pointer to the MCP9804 using the serial interface. This
is an 8-bit write-only pointer. However, the four Least
Significant bits are used as pointers and all unused bits
(bits 7-3) need to be cleared or set to ‘0’. Register 5-1
describes the pointer or the address of each register.
REGISTER 5-1:
REGISTER POINTER (WRITE ONLY)
W-0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
——
—
—
Pointer Bits
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Writable Bits: Write ‘0’
Bits 7-4 must always be cleared or written to ‘0’. This device has additional registers that are reserved
for test and calibration. If these registers are accessed, the device may not perform according to the
specification.
bit 3-0
Pointer Bits:
0000
=
RFU, reserved for future use (Read Only Register)
0001
=
Configuration register (CONFIG)
0010
=
Alert Temperature Upper-Boundary Trip register (TUPPER)
0011
=
Alert Temperature Lower-Boundary Trip register (TLOWER)
0100
=
Critical Temperature Trip register (TCRIT)
0101
=
Temperature register (TA)
0110
=
Manufacturer ID register
0111
=
Device ID/Revision register
1000
=
Resolution register
1XXX
=RFU (
Note)
Note:
Some registers contain calibration codes and should not be accessed. Accessing these registers could
cause permanent sensor decalibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com