Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9804 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP9804
Description  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804 Datasheet(HTML) 1 Page - Microchip Technology

  MCP9804 Datasheet HTML 1Page - Microchip Technology MCP9804 Datasheet HTML 2Page - Microchip Technology MCP9804 Datasheet HTML 3Page - Microchip Technology MCP9804 Datasheet HTML 4Page - Microchip Technology MCP9804 Datasheet HTML 5Page - Microchip Technology MCP9804 Datasheet HTML 6Page - Microchip Technology MCP9804 Datasheet HTML 7Page - Microchip Technology MCP9804 Datasheet HTML 8Page - Microchip Technology MCP9804 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
© 2009 Microchip Technology Inc.
DS22203A-page 1
MCP9804
Features
• Accuracy:
- ±0.25°C (typical) from -40°C to +125°C
- ±1°C (maximum) from -40°C to +125°C
• User Selectable Measurement Resolution:
- 0.5°C, 0.25°C, 0.125°C, 0.0625°C
• User Programmable Temperature Limits:
- Temperature Window Limit
- Critical Temperature Limit
• User Programmable Temperature Alert Output
• Operating Voltage Range: 2.7V to 5.5V
• Operating Current: 200 µA (typical)
• Shutdown Current: 0.1 µA (typical)
• 2-wire Interface: I2C/SMBus Compatible
• Available Packages: 2x3 DFN-8, MSOP-8
Typical Applications
• General Purpose
• Industrial Applications
• Industrial Freezers and Refrigerations
• Food Processing
• Personal Computers and Servers
• PC Peripherals
• Consumer Electronics
• Hand-held/Portable Devices
Temperature Accuracy
Description
Microchip
Technology
Inc.’s
MCP9804
digital
temperature sensor converts temperatures between
-40°C and +125°C to a digital word with ±0.25°C/±1°C
(typical/maximum) accuracy.
The
MCP9804
comes
with
user-programmable
registers that provide flexibility temperature sensing
applications.
The
registers
allow
user-selectable
settings such as Shutdown or low-power modes and
the specification of temperature Alert window limits and
Critical output limits. When the temperature changes
beyond the specified boundary limits, the MCP9804
outputs an Alert signal. The user has the option of
setting the Alert output signal polarity as an active-low
or active-high comparator
output for thermostat
operation, or as temperature Alert interrupt output for
microprocessor-based systems. The Alert output can
also be configured as a Critical temperature output
only.
This sensor has an industry standard 100 kHz 2-wire,
SMBus/I2C compatible serial interface, allowing up to
eight or sixteen sensors to be controlled with a single
serial bus (see Table 3-2 for available Address codes).
These
features
make
the
MCP9804
ideal
for
sophisticated
multi-zone
temperature-monitoring
applications.
Package Types
0%
10%
20%
30%
40%
Temperature Accuracy (°C)
TA = -40°C to 125°C
VDD = 3.3V
2787 units
8-Pin 2x3 DFN *
1
2
3
4
8-Pin MSOP
8
7
6
5
* Includes Exposed Thermal Pad (EP); see Table 3-1.
A1
A0
A2
SCL
Alert
1
2
3
4
8
7
6
5
GND
SDA
VDD
EP
9
SCL
Alert
GND
SDA
A1
A0
A2
VDD
±0.25°C Typ. Accuracy Digital Temperature Sensor


Similar Part No. - MCP9804

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
MCP9804 MICROCHIP-MCP9804 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
MCP9804 MICROCHIP-MCP9804 Datasheet
1Mb / 52P
±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
MCP9804-E/MC MICROCHIP-MCP9804-E/MC Datasheet
1Mb / 52P
짹0.25째C Typical Accuracy Digital Temperature Sensor
11/29/11
MCP9804-E/MC MICROCHIP-MCP9804-E/MC Datasheet
1Mb / 52P
±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
More results

Similar Description - MCP9804

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
logo
Microchip Technology
MCP9808 MICROCHIP-MCP9808 Datasheet
1Mb / 52P
짹0.5째C Maximum Accuracy Digital Temperature Sensor
2011
logo
Analog Devices
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7320 AD-ADT7320_11 Datasheet
423Kb / 24P
짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
logo
Microchip Technology
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
logo
Seiko Instruments Inc
S5852A SII-S5852A Datasheet
805Kb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_12 Datasheet
1Mb / 52P
짹0.25째C Typical Accuracy Digital Temperature Sensor
11/29/11
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX31889 MAXIM-MAX31889 Datasheet
531Kb / 31P
짹0.25째C Accurate I2C Temperature Sensor
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com