Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9804-E/MC Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP9804-E/MC
Description  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804-E/MC Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP9804-E/MC Datasheet HTML 29Page - Microchip Technology MCP9804-E/MC Datasheet HTML 30Page - Microchip Technology MCP9804-E/MC Datasheet HTML 31Page - Microchip Technology MCP9804-E/MC Datasheet HTML 32Page - Microchip Technology MCP9804-E/MC Datasheet HTML 33Page - Microchip Technology MCP9804-E/MC Datasheet HTML 34Page - Microchip Technology MCP9804-E/MC Datasheet HTML 35Page - Microchip Technology MCP9804-E/MC Datasheet HTML 36Page - Microchip Technology MCP9804-E/MC Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
© 2009 Microchip Technology Inc.
DS22203A-page 33
MCP9804
5.3
Summary of Power-on Default
The MCP9804 has an internal Power-on Reset (POR)
circuit. If the power supply voltage VDD glitches below
the VPOR threshold, the device resets the registers to
the power-on default settings.
Table 5-4 shows the power-on default summary for the
temperature sensor registers.
TABLE 5-4:
POWER-ON RESET DEFAULTS
Registers
Default Register
Data (Hexadecimal)
Power-up Default
Register Description
Address (Hexadecimal)
Register Name
0x01
CONFIG
0x0000
Comparator mode
Active-Low output
Alert and critical output
Output disabled
Alert not asserted
Interrupt cleared
Alert limits unlocked
Critical limit unlocked
Continuous conversion
0°C Hysteresis
0x02
TUPPER
0x0000
0°C
0x03
TLOWER
0x0000
0°C
0x04
TCRIT
0x0000
0°C
0x05
TA
0x0000
0°C
0x06
Manufacturer ID
0x0054
0x0054 (hex)
0x07
Device ID/ Device Revision
0x0200
0x0200 (hex)
0x08
Resolution
0x03
0x03 (hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com