Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9804-E/MC Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP9804-E/MC
Description  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804-E/MC Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP9804-E/MC Datasheet HTML 14Page - Microchip Technology MCP9804-E/MC Datasheet HTML 15Page - Microchip Technology MCP9804-E/MC Datasheet HTML 16Page - Microchip Technology MCP9804-E/MC Datasheet HTML 17Page - Microchip Technology MCP9804-E/MC Datasheet HTML 18Page - Microchip Technology MCP9804-E/MC Datasheet HTML 19Page - Microchip Technology MCP9804-E/MC Datasheet HTML 20Page - Microchip Technology MCP9804-E/MC Datasheet HTML 21Page - Microchip Technology MCP9804-E/MC Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
MCP9804
DS22203A-page 18
© 2009 Microchip Technology Inc.
5.1.1
SENSOR CONFIGURATION
REGISTER (CONFIG)
The MCP9804 has a 16-bit Configuration register
(CONFIG) that allows the user to set various functions
for a robust temperature monitoring system. Bits 10
thru 0 are used to select Temperature Alert output
hysteresis, device Shutdown or Low-Power mode,
temperature boundary and critical temperature lock,
and temperature Alert output enable/disable. In
addition, Alert output condition (output set for TUPPER
and TLOWER temperature boundary or TCRIT only),
Alert output status and Alert output polarity and mode
(Comparator Output or Interrupt Output mode) are user
configurable.
The temperature hysteresis bits 10 and 9 can be used
to
prevent
output
chatter
when
the
ambient
temperature
gradually
changes
beyond
the
user-specified
temperature
boundary
(see
Section 5.2.2.
The
Continuous
Conversion
or
Shutdown mode is selected using bit 8. In Shutdown
mode, the band gap temperature sensor circuit stops
converting temperature and the Ambient Temperature
register (TA) holds the previous temperature data (see
Section 5.2.1). Bits 7 and 6 are used to lock the user-
specified boundaries TUPPER, TLOWER and TCRIT to
prevent an accidental rewrite. The Lock bits are cleared
by reseting power. Bits 5 thru 0 are used to configure
the temperature Alert output pin. All functions are
described in Register 5-2 (see
Section 5.2.3).
REGISTER 5-2:
CONFIGURATION REGISTER (CONFIG)
→ ADDRESS ‘0000 0001’b
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
——
—
—
—
THYST
SHDN
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
Crit. Lock
Win. Lock
Int. Clear
Alert Stat.
Alert Cnt.
Alert Sel.
Alert Pol.
Alert Mod.
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-11
Unimplemented: Read as ‘0’
bit 10-9
TUPPER and TLOWER Limit Hysteresis (THYST):
00
= 0°C (power-up default)
01
= 1.5°C
10
= 3.0°C
11
= 6.0°C
(Refer to
Section 5.2.3)
This bit can not be altered when either of the lock bits are set (bit 6 and bit 7).
This bit can be programmed in shutdown mode.
bit 8
Shutdown Mode (SHDN):
0
=
Continuous Conversion (power-up default)
1
=
Shutdown (Low-Power mode)
In shutdown, all power-consuming activities are disabled, though all registers can be written to or read.
This bit cannot be set ‘1’ when either of the lock bits is set (bit 6 and bit 7). However, it can be cleared
‘0’ for Continuous Conversion while locked. (Refer to
Section 5.2.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com