Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP632-E/UN Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP632-E/UN
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632-E/UN Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP632-E/UN Datasheet HTML 7Page - Microchip Technology MCP632-E/UN Datasheet HTML 8Page - Microchip Technology MCP632-E/UN Datasheet HTML 9Page - Microchip Technology MCP632-E/UN Datasheet HTML 10Page - Microchip Technology MCP632-E/UN Datasheet HTML 11Page - Microchip Technology MCP632-E/UN Datasheet HTML 12Page - Microchip Technology MCP632-E/UN Datasheet HTML 13Page - Microchip Technology MCP632-E/UN Datasheet HTML 14Page - Microchip Technology MCP632-E/UN Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22197A-page 11
MCP631/2/3/5
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =2kΩ to VL, CL = 50 pF and CS =VSS.
2.3
Frequency Response
FIGURE 2-21:
CMRR and PSRR vs.
Frequency.
FIGURE 2-22:
Open-Loop Gain vs.
Frequency.
FIGURE 2-23:
Gain Bandwidth Product
and Phase Margin vs. Ambient Temperature.
FIGURE 2-24:
Gain Bandwidth Product
and Phase Margin vs. Common Mode Input
Voltage.
FIGURE 2-25:
Gain Bandwidth Product
and Phase Margin vs. Output Voltage.
FIGURE 2-26:
Closed-Loop Output
Impedance vs. Frequency.
10
20
30
40
50
60
70
80
90
100
1.E+2
1.E+3
1.E+4
1.E+5
1.E+6
1.E+7
Frequency (Hz)
100
1M
10k
10M
100k
1k
CMRR
PSRR+
PSRR-
-20
0
20
40
60
80
100
120
140
1.E+0 1.E+1 1.E+2 1.E+3 1.E+4 1.E+5 1.E+6 1.E+7 1.E+8
Frequency (Hz)
-240
-210
-180
-150
-120
-90
-60
-30
0
| AOL |
∠A
OL
100
10k
1M
100M
1
1k
100k
10M
10
20
22
24
26
28
30
32
34
36
-50
-25
0
255075
100 125
Ambient Temperature (°C)
40
45
50
55
60
65
70
75
80
PM
GBWP
VDD = 5.5V
VDD = 2.5V
20
22
24
26
28
30
32
34
36
Common Mode Input Voltage (V)
40
45
50
55
60
65
70
75
80
PM
GBWP
VDD = 5.5V
VDD = 2.5V
20
22
24
26
28
30
32
34
36
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)
40
45
50
55
60
65
70
75
80
PM
GBWP
VDD = 5.5V
VDD = 2.5V
0.1
1
10
100
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
Frequency (Hz)
10k
1M
10M
100M
100k
G = 101 V/V
G = 11 V/V
G = 1 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com