Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP632-E/UN Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP632-E/UN
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632-E/UN Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP632-E/UN Datasheet HTML 10Page - Microchip Technology MCP632-E/UN Datasheet HTML 11Page - Microchip Technology MCP632-E/UN Datasheet HTML 12Page - Microchip Technology MCP632-E/UN Datasheet HTML 13Page - Microchip Technology MCP632-E/UN Datasheet HTML 14Page - Microchip Technology MCP632-E/UN Datasheet HTML 15Page - Microchip Technology MCP632-E/UN Datasheet HTML 16Page - Microchip Technology MCP632-E/UN Datasheet HTML 17Page - Microchip Technology MCP632-E/UN Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
MCP631/2/3/5
DS22197A-page 14
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =2kΩ to VL, CL = 50 pF and CS =VSS.
2.5
Time Response
FIGURE 2-34:
Non-inverting Small Signal
Step Response.
FIGURE 2-35:
Non-inverting Large Signal
Step Response.
FIGURE 2-36:
Inverting Small Signal Step
Response.
FIGURE 2-37:
Inverting Large Signal Step
Response.
FIGURE 2-38:
The MCP631/2/3/5 family
shows no input phase reversal with overdrive.
FIGURE 2-39:
Slew Rate vs. Ambient
Temperature.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Time (µs)
VDD = 5.5V
G = 1
VIN
VOUT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.00.2 0.4 0.6 0.81.0 1.21.4 1.6 1.8 2.0
Time (µs)
VDD = 5.5V
G = 1
VIN
VOUT
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Time (µs)
VDD = 5.5V
G = -1
RF = 1 kΩ
VIN
VOUT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Time (µs)
VDD = 5.5V
G = -1
RF = 1 kΩ
VIN
VOUT
-1
0
1
2
3
4
5
6
7
0
1
2
345
6
7
89
10
Time (ms)
VDD = 5.5V
G = 2
VOUT
VIN
0
2
4
6
8
10
12
14
16
18
20
22
24
-50
-25
0
255075
100
125
Ambient Temperature (°C)
Falling Edge
Rising Edge
VDD = 2.5V
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com