Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS-CD46RD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-CD46RD
Description  56.90mm(2.30) high single digit seven segments display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-CD46RD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BS-CD46RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-CD46RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-CD46RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BS
S--C
CD
D4
46
6R
RD
D
Ver.2.0 Page 1 of 3
SINCE 1981
●
Package Dimensions :
69.70(2.744)
10
56.90(2.240)
0.50(.020)
12.00(.472)
3.0(.118)MIN.
2.54(.100)
47.70(1.878)
5.5(.217)
60.2(2.37)
31.90(1.256)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
●
Features :
1.
2.30 inch (56.90mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Direct drive common cathode.
●
Description :
1.
The BS-CD46RD is a 56.90mm(2.30")
high single digit seven segments display.
2.
This product use super red chips,
which are made from AlGaAs on
GaAs substrate.
3.
This product have a black face and
white segments.
4.
This product doesn't contain restriction
substance, comply ROHS standard.
●
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BS-CD46RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-CD46RD ETC-BS-CD46RD Datasheet
121Kb / 1P
SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BS-CD46RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-A305RE BRIGHT-BS-A305RE Datasheet
191Kb / 3P
7.62mm(0.3) high single digit seven segments display.
BS-AA32RD BRIGHT-BS-AA32RD Datasheet
197Kb / 3P
25.4mm (1.00) high single digit seven segments display.
BS-AD1FRD BRIGHT-BS-AD1FRD Datasheet
139Kb / 3P
2.30(56.90MM) single DIGIT LED DISPLAY
BS-CD14RD BRIGHT-BS-CD14RD Datasheet
146Kb / 3P
2.30(56.90MM)single DIGIT LED DISPLAY
BS-CD16RD BRIGHT-BS-CD16RD Datasheet
144Kb / 3P
2.30(56.90MM)single DIGIT LED DISPLAY
BS-AD14RD BRIGHT-BS-AD14RD Datasheet
165Kb / 3P
56.90mm(2.30) high single digit seven segments
BS-AD16RD BRIGHT-BS-AD16RD Datasheet
235Kb / 3P
56.90mm(2.30) high single digit seven segments
BS-AD45RD BRIGHT-BS-AD45RD Datasheet
247Kb / 3P
56.90mm(2.30) high single digit seven segments display
BS-CD24RD BRIGHT-BS-CD24RD Datasheet
169Kb / 3P
56.80mm(2.30) high single digit seven segments display
BS-CD45RD BRIGHT-BS-CD45RD Datasheet
238Kb / 3P
56.90mm(2.30) high single digit seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com