Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS-CD46RD Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-CD46RD
Description  56.90mm(2.30) high single digit seven segments display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-CD46RD Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BS-CD46RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-CD46RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-CD46RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BS
S--C
CD
D4
46
6R
RD
D
Ver.2.0 Page 2 of 3
SINCE 1981
●
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation Per Segment
Pd
320
mW
Forward Current Per Segment
IF
30
mA
Peak Forward Current Per Segment
IFP
(Duty 1/10, 1KHZ)
150
mA
Reverse Voltage Per Segment
VR
5
V
Operating Temperature
Topr
-40℃~80℃
-
Storage Temperature
Tstg
-40℃~85℃
-
Soldering Temperature
(1/16" From Body)
Tsol
260℃ For 5 Seconds
-
●
Electrical And Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Forward Voltage Per Segment
Vf
IF=10mA
-
6.8
10.0
V
Luminous Intensity Per Segment
Iv
IF=10mA
-
18.0
-
mcd
Reverse Current Per Segment
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=10mA
-
660
-
nm
Dominant Wave Length
λ
d
IF=10mA
638
-
648
nm
Spectral Line Half-width
∆λ
IF=10mA
-
20
-
nm
佰鴻工業股份有限公司
http://www.brtled.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com