Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM-2F Datasheet(PDF) 1 Page - CUI INC

Part # CPM-2F
Description  peltier cooling unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CPM-2F Datasheet(HTML) 1 Page - CUI INC

  CPM-2F Datasheet HTML 1Page - CUI INC CPM-2F Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: peltier cooling unit
1 of 2
07/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CPM-2F
performance graphs
CUI’s patented CPM-2 series cooling modules incorporate peltier
technology in a convenient package that maximizes heat absorp-
tion and reduces overall assembly cost. The CPM-2 is assem-
bled with our high performance peltier device between two preci-
sion-machined aluminum plates using thermally-conductive
adhesive, leading to better heat transfer between the cooling and
radiating surfaces. This module is perfect for applications such
as refrigeration, lasers, dehumidifiers, NEMA enclosures, or any
other electronic device that requires reliable, precision cooling.
specifications
max input voltage ¹
12 V dc
max current
6 A
max temp drop (
ΔTmax)
73K (at Th=50° C)
max cooling power (Qmax)
46 W (at Th=Tc=50° C)
dielectric strength
1200 V ac, 1 sec.
insulation resistance
250 V dc, >10 M ohm
internal resistance ²
1.85 ~ 2.35 ohm
cold plate temperature
-20°C ~ +60° C
storage temperature
-20°C ~ +70° C
operating temperature
0°C ~ +35° C
storage humidity
10~90%
operating humidity
30~85%
weight
200g
cooling medium
aluminum plate
heat radiation medium
aluminum plate
notes:
1. at inverse voltage “cold plate” becomes heat radiation plate
2. ambient temperature 25+/-1C, measured by 4 AC thermal method


Similar Part No. - CPM-2F

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPM-2F CUI-CPM-2F Datasheet
155Kb / 3P
6.0 A PELTIER UNIT
logo
Same Sky Devices
CPM-2F SAMESKY-CPM-2F Datasheet
232Kb / 3P
PELTIER COOLING UNIT
09/12/2024
logo
CUI INC
CPM-2F CUI-CPM-2F_12 Datasheet
155Kb / 3P
6.0 A PELTIER UNIT
More results

Similar Description - CPM-2F

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8413 HAMAMATSU-L8413 Datasheet
42Kb / 2P
HIGH POWER CW LASER DIODE with PELTIER-COOLING
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CPM-2F CUI-CPM-2F_12 Datasheet
155Kb / 3P
6.0 A PELTIER UNIT
logo
Laird Tech Smart Techno...
WL-500 LSTD-WL-500 Datasheet
2Mb / 8P
READ MANUAL BEFORE OPERATING COOLING UNIT
logo
CUI INC
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
logo
PHOENIX CONTACT
1237881 PHOENIX-1237881 Datasheet
271Kb / 7P
Cooling unit - EV-HPC-PCU-01
Nov 16, 2022
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
PELTIER MODULE
08/05/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com