Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-I/SP Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC18F44J10-I/SP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SP Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC18F44J10-I/SP Datasheet HTML 23Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 24Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 25Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 26Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 27Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 28Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 29Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 30Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 25
PIC18F45J10 FAMILY
2.4
Voltage Regulator Pins
(VCAP/VDDCORE)
When the regulator is enabled (F devices), a low-ESR
(<5Ω) capacitor is required on the VCAP/VDDCORE pin to
stabilize the voltage regulator output voltage. The
VCAP/VDDCORE pin must not be connected to VDD and
must use a capacitor (10
μF typical) connected to
ground. The type can be ceramic or tantalum. A suitable
example is the Murata GRM21BF50J106ZE01 (10
μF,
6.3V) or equivalent. Designers may use Figure 2-3 to
evaluate ESR equivalence of candidate devices.
It is recommended that the trace length not exceed
0.25 inch (6 mm). Refer to Section 24.0 “Electrical
Characteristics”
for additional information.
When the regulator is disabled (LF devices), the
VCAP/VDDCORE pin must be tied to a voltage supply at
the VDDCORE level. Refer to Section 24.0 “Electrical
Characteristics”
for information
on
VDD
and
VDDCORE.
FIGURE 2-3:
FREQUENCY vs. ESR
PERFORMANCE FOR
SUGGESTED VCAP
2.5
ICSP Pins
The PGC and PGD pins are used for In-Circuit Serial
Programming (ICSP) and debugging purposes. It is
recommended to keep the trace length between the
ICSP connector and the ICSP pins on the device as
short as possible. If the ICSP connector is expected to
experience an ESD event, a series resistor is recom-
mended, with the value in the range of a few tens of
ohms, not to exceed 100Ω.
Pull-up resistors, series diodes and capacitors on the
PGC and PGD pins are not recommended as they will
interfere
with
the
programmer/debugger
com-
munications to the device. If such discrete components
are an application requirement, they should be removed
from the circuit during programming and debugging.
Alternatively, refer to the AC/DC characteristics and
timing requirements information in the respective device
Flash programming specification for information on
capacitive loading limits and pin input voltage high (VIH)
and input low (VIL) requirements.
For device emulation, ensure that the “Communication
Channel Select” (i.e., PGC/PGD pins) programmed
into the device matches the physical connections for
the ICSP to the MPLAB® ICD 2, MPLAB ICD 3 or
REAL ICE™ emulator.
For more information on the ICD 2, ICD 3 and REAL ICE
emulator connection requirements, refer to the following
documents that are available on the Microchip web site.
• “MPLAB® ICD 2 In-Circuit Debugger User’s
Guide”
(DS51331)
• “Using MPLAB® ICD 2” (poster) (DS51265)
• “MPLAB® ICD 2 Design Advisory” (DS51566)
• “Using MPLAB® ICD 3” (poster) (DS51765)
• “MPLAB® ICD 3 Design Advisory” (DS51764)
• “MPLAB® REAL ICE™ In-Circuit Emulator User’s
Guide”
(DS51616)
• “Using MPLAB® REAL ICE™ In-Circuit Emulator”
(poster) (DS51749)
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
1000 10,000
Frequency (MHz)
Note:
Data for Murata GRM21BF50J106ZE01 shown.
Measurements at 25°C, 0V DC bias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com