Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-I/SP Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC18F44J10-I/SP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SP Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC18F44J10-I/SP Datasheet HTML 45Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 46Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 47Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 48Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 49Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 50Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 51Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 52Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 47
PIC18F45J10 FAMILY
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets,
CM Resets
Wake-up via WDT
or Interrupt
TOSU
PIC18F2XJ10 PIC18F4XJ10
---0 0000
---0 0000
---0 uuuu(1)
TOSH
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu(1)
TOSL
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu(1)
STKPTR
PIC18F2XJ10 PIC18F4XJ10
00-0 0000
uu-0 0000
uu-u uuuu(1)
PCLATU
PIC18F2XJ10 PIC18F4XJ10
---0 0000
---0 0000
---u uuuu
PCLATH
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
PCL
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
PIC18F2XJ10 PIC18F4XJ10
--00 0000
--00 0000
--uu uuuu
TBLPTRH
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
TABLAT
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
PRODH
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
PIC18F2XJ10 PIC18F4XJ10
0000 000x
0000 000u
uuuu uuuu(3)
INTCON2
PIC18F2XJ10 PIC18F4XJ10
1111 -1-1
1111 -1-1
uuuu -u-u(3)
INTCON3
PIC18F2XJ10 PIC18F4XJ10
11-0 0-00
11-0 0-00
uu-u u-uu(3)
INDF0
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
POSTINC0
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
POSTDEC0
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
PREINC0
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
PLUSW0
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
FSR0H
PIC18F2XJ10 PIC18F4XJ10
---- xxxx
---- uuuu
---- uuuu
FSR0L
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
POSTINC1
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
POSTDEC1
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
PREINC1
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
PLUSW1
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
FSR1H
PIC18F2XJ10 PIC18F4XJ10
---- xxxx
---- uuuu
---- uuuu
FSR1L
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
BSR
PIC18F2XJ10 PIC18F4XJ10
---- 0000
---- 0000
---- uuuu
Legend: u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4:
See Table 5-1 for Reset value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com