Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW15 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # SW15
Description  Encapsulated DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SW15 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  SW15 Datasheet HTML 1Page - Arch Electronics Corp. SW15 Datasheet HTML 2Page - Arch Electronics Corp. SW15 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : A_2
update : 98.04.27
Encapsulated DC-DC Converter
SW15 SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
The output noise is measured with 0.1
μF tantalum capacitor.
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
18V
24V
36V
VIN
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
90.0%
100.0%
LOAD
Model No.
( Single Output )
SW15-12-3.3S
SW15-24-3.3S
SW15-48-3.3S
SW15-12-5S
SW15-24-5S
SW15-48-5S
SW15-12-12S
SW15-24-12S
SW15-48-12S
SW15-12-15S
SW15-24-15S
SW15-48-15S
DC-DC ON
Open or +5 VDC ~ +15 VDC
DC-DC OFF
When -DC IN and ON/OFF CTL is Short (or 0 VDC ~ +0.5VDC)
Input Current of Remote Control Pin
1mA
Remote ON/OFF
Remote off State Input Current
4mA
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
MECHANICAL DIMENSION
( Top View )
DERATING
OUTPUT NOISE
SW15-24-5S Efficiency
Load=100%(3A)
VIN=24 VDC
PIN#
Single
1
ON / OFF CTL (Optional)
2
-DC IN
3
+DC IN
4
-DC OUT
5
NO PIN
6
+DC OUT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com