Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW15 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # SW15
Description  Encapsulated DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SW15 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  SW15 Datasheet HTML 1Page - Arch Electronics Corp. SW15 Datasheet HTML 2Page - Arch Electronics Corp. SW15 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : A_2
update : 98.04.27
Encapsulated DC-DC Converter
SW15 SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
SW15-12-3.3S
SW15-12-5S
SW15-12-12S
SW15-12-15S
Input Voltage (V.DC.)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Output Voltage (V.DC.)
3.3V / 3500mA
5V / 3000mA
12V / 1250mA
15V / 1000mA
Efficiency
85%
89%
88%
88%
Capacitor Load (max)
1600
μF
1600
μF
470
μF
330
μF
Model No.
SW15-24-3.3S
SW15-24-5S
SW15-24-12S
SW15-24-15S
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
3.3V / 3500mA
5V / 3000mA
12V / 1250mA
15V / 1000mA
Efficiency
86%
89%
89%
89%
Capacitor Load (max)
1600
μF
1600
μF
470
μF
330
μF
Model No.
SW15-48-3.3S
SW15-48-5S
SW15-48-12S
SW15-48-15S
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
3.3V / 3500mA
5V / 3000mA
12V / 1250mA
15V / 1000mA
Efficiency
84%
88%
88%
88%
Capacitor Load (max)
1600
μF
1600
μF
470
μF
330
μF
Model No.
( Single Output )
SW15-12-3.3S
SW15-24-3.3S
SW15-48-3.3S
SW15-12-5S
SW15-24-5S
SW15-48-5S
SW15-12-12S
SW15-24-12S
SW15-48-12S
SW15-12-15S
SW15-24-15S
SW15-48-15S
Max Output Wattage (W)
11.55W
15W
15W
15W
Input
Input Filter
L-C type
Voltage (V.DC.)
3.3
5
12
15
Voltage Accuracy
±2%
Current (mA) max
3500
3000
1250
1000
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±1%
Ripple
75 mV
max.
100mV
max.
Noise
100 mV
max.
125mV
max.
Output
Switching Frequency
450KHz
300KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-40°C…+85C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+105°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.0 x 1.0 x 0.433 Inches ( 25.4 x 25.4 x 11.0 mm ) Tolerance
±0.5 mm
Case Material
six-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
15g
Physical
Cooling Method
Free-air convection
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
Power Module for PCB Mountable
Smaller Dimension with High Efficiency
2:1 Input Range
Regulated Output
Low Ripple and Noise
Screw Terminal For Optional
Remote ON/OFF Control (Optional)
Operating Temperature: -40°C…+85°C (with derating)
Small Size :1.0 x 1.0 x 0.433 Inches
2 Years Product Warranty


Similar Part No. - SW15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
logo
M/A-COM Technology Solu...
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
SW15-0314-TB MA-COM-SW15-0314-TB Datasheet
117Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
Arch Electronics Corp.
SW15-12-12S ARCH-SW15-12-12S Datasheet
142Kb / 3P
Encapsulated DC-DC Converter
SW15-12-12S ARCH-SW15-12-12S Datasheet
176Kb / 3P
Power Module for PCB Mountable
More results

Similar Description - SW15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
Encapsulated DC-DC Converter
SB03 ARCH-SB03 Datasheet
110Kb / 2P
Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
Encapsulated DC - DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com