Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBJ41HE4BAFA Datasheet(PDF) 5 Page - Elpida Memory

Part # EBJ41HE4BAFA
Description  4GB Registered DDR3 SDRAM DIMM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HE4BAFA Datasheet(HTML) 5 Page - Elpida Memory

  EBJ41HE4BAFA Datasheet HTML 1Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 2Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 3Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 4Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 5Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 6Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 7Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 8Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
EBJ41HE4BAFA
Data Sheet E1256E40 (Ver. 4.0)
5
Pin Description
Pin name
Function
A0 to A15
Address input
Row address
A0 to A13
Column address
A0 to A9, A11
A10 (AP)
Auto precharge
A12 (/BC)
Burst chop
BA0, BA1, BA2
Bank select address
DQ0 to DQ63
Data input/output
CB0 to CB7
Check bit (Data input/output)
/RAS
Row address strobe command
/CAS
Column address strobe command
/WE
Write enable
/CS0, /CS1
Chip select
CKE0, CKE1
Clock enable
CK0, CK1
Clock input
/CK0, /CK1
Differential clock input
DQS0 to DQS17, /DQS0 to /DQS17
Input and output data strobe
SCL
Clock input for serial PD
SDA
Data input/output for serial PD
SA0, SA1, SA2
Serial address input
VDD
Power for internal circuit
VDDSPD
Power for serial EEPROM
VREFCA
Reference voltage for CA
VREFDQ
Reference voltage for DQ
VSS
Ground
VTT
Termination Voltage
/RESET
Set DRAM to known state
ODT0, ODT1
ODT control
Par_In
Parity bit for the Address and Control bus
/Err_Out
Parity error found on the Address and Control bus
/Event
Temperature event pin
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com