Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBJ41HE4BAFA Datasheet(PDF) 14 Page - Elpida Memory

Part # EBJ41HE4BAFA
Description  4GB Registered DDR3 SDRAM DIMM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HE4BAFA Datasheet(HTML) 14 Page - Elpida Memory

Back Button EBJ41HE4BAFA Datasheet HTML 10Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 11Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 12Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 13Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 14Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 15Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 16Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 17Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 18Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
EBJ41HE4BAFA
Data Sheet E1256E40 (Ver. 4.0)
14
DC Characteristics 1 (TC = 0°C to +85°C, VDD = 1.5V
± 0.075V, VSS = 0V)
Parameter
Symbol
Data rate (Mbps)
max.
Unit
Notes
Operating current
(ACT-PRE)
IDD0
1333
1066
800
2680
2540
2350
mA
Operating current
(ACT-READ-PRE)
IDD1
1333
1066
800
2970
2810
2630
mA
IDD2PF
1333
1066
800
1830
1710
1590
mA
Fast PD Exit
Precharge power-down standby current
IDD2PS
1333
1066
800
1470
1410
1340
mA
Slow PD Exit
Precharge quiet standby current
IDD2Q
1333
1066
800
2130
1960
1790
mA
Precharge standby current
IDD2N
1333
1066
800
2130
1960
1790
mA
Active power-down current
(Always fast exit)
IDD3P
1333
1066
800
1780
1670
1540
mA
Active standby current
IDD3N
1333
1066
800
2310
2100
1880
mA
Operating current
(Burst read operating)
IDD4R
1333
1066
800
3890
3390
2860
mA
Operating current
(Burst write operating)
IDD4W
1333
1066
800
4300
3720
3130
mA
Burst refresh current
IDD5B
1333
1066
800
6090
5750
5640
mA
Self-refresh current
normal temperature range
IDD6
1350
mA
All bank interleave read current
IDD7R
1333
1066
800
6230
5270
4850
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com