Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2655 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SC2655
Description  NPN General Purpose Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC2655 Datasheet(HTML) 1 Page - Weitron Technology

  2SC2655 Datasheet HTML 1Page - Weitron Technology 2SC2655 Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC2655
NPN General Purpose Transistors
1.EMITTER
3.BASE
2.COLLECTOR
1
2
3
Lead(Pb)-Free
P b
TO-92MOD
1/2
19-Feb-09
WEITRON
http://www.weitron.com.tw
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=100μA,IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=10mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=50V,IE=0
1
μ
A
Emitter cut-off current
IEBO
VEB=5V,IC=0
1
μ
A
hFE(1)
VCE=2V,IC=500mA
70
240
DC current gain
hFE(2)
VCE=2V,IC=1.5A
40
Collector-emitter saturation voltage
VCE(sat)
IC=1A,IB=0.05A
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=1A,IB=0.05A
1.2
V
Transition frequency
fT
VCE=2V,IC=0.5A
100
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
30
pF
Tune on Time
ton
0.1
Storage Time
tstg
1.0
Switch time
Fall Time
tf
Vcc=30V,Ic=1A,
I
B1=-IB2=0.05A
0.1
μ
s
CLASSIFICATION OF
hFE(1)
Rank
O
Y
Range
70-140
120-240


Similar Part No. - 2SC2655

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2655 TOSHIBA-2SC2655 Datasheet
179Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
logo
Unisonic Technologies
2SC2655 UTC-2SC2655 Datasheet
61Kb / 4P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SC2655 TOSHIBA-2SC2655 Datasheet
139Kb / 5P
Silicon NPN Epitaxial Type (PCT Process)
logo
Unisonic Technologies
2SC2655 UTC-2SC2655 Datasheet
210Kb / 4P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
SeCoS Halbleitertechnol...
2SC2655 SECOS-2SC2655 Datasheet
217Kb / 3P
NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SC2655

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
General Purpose NPN Transistors
logo
Micro Commercial Compon...
2SC5658-Q MCC-2SC5658-Q Datasheet
652Kb / 4P
NPN General Purpose Transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com