Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2714 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SC2714
Description  NPN General Purpose Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC2714 Datasheet(HTML) 1 Page - Weitron Technology

  2SC2714 Datasheet HTML 1Page - Weitron Technology 2SC2714 Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELECTRICAL CHARACTERISTICS(Tamb=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=10μA,IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=1mA,IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA,IC=0
4
V
Collector cut-off current
ICBO
VCB=18V,IE=0
0.5
μA
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.5
μA
DC current gain
hFE(1)
VCE=6V,IC=1mA
40
200
Collector-emitter saturation voltage
VCE(sat)
IC=10mA,IB=1mA
0.3
V
Transition frequency
fT
VCE=6V,IC=1mA
400
MHz
Power Gain
Gpe
VCE=6V,Ic=1mA, f=100HZ
17
pF
Noise figure
NF
VCE=6V,Ic=1mA, f=100HZ
5
dB
CLASSIFICATION OF
hFE(1)
Rank
R
O
Y
Range
40-80
70-140
100-200
Marking
QR
QO
QY
http://www.weitron.com.tw
WEITRON
SOT-23
2SC2714
NPN General Purpose Transistors
1/2
19-Feb-09
P b Lead(Pb)-Free


Similar Part No. - 2SC2714

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2714 TOSHIBA-2SC2714 Datasheet
322Kb / 6P
TRANSISTOR (HIGH FREQUENCY, FM, RF, MIX, IF AMPLIFIER APPLICATIONS
2SC2714 TOSHIBA-2SC2714 Datasheet
1Mb / 8P
Silicon NPN Epitaxial Planar Type (PCT process)
logo
Galaxy Semi-Conductor H...
2SC2714 BILIN-2SC2714 Datasheet
162Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SC2714 KEXIN-2SC2714 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
logo
SeCoS Halbleitertechnol...
2SC2714 SECOS-2SC2714 Datasheet
710Kb / 3P
NPN Plastic-Encapsulate Transistor
More results

Similar Description - 2SC2714

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
General Purpose NPN Transistors
logo
Micro Commercial Compon...
2SC5658-Q MCC-2SC5658-Q Datasheet
652Kb / 4P
NPN General Purpose Transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com