Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516 Datasheet(PDF) 2 Page - Weitron Technology

Part # BAS516
Description  High Speed Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS516 Datasheet(HTML) 2 Page - Weitron Technology

  BAS516 Datasheet HTML 1Page - Weitron Technology BAS516 Datasheet HTML 2Page - Weitron Technology BAS516 Datasheet HTML 3Page - Weitron Technology BAS516 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEITRON
BAS516
Maximum Ratings
Symbol
VR
IO
Value
75
V
mA
mA
˚C
˚C
2
1
http://www.weitron.com.tw
6 , 61
V
CT
1.0
µA
-
-
-
-
-
-
-
-
0.03
1.0
250
-65 to +150
500
+150
Characteristic
Unit
Symbol
Characteristic
Unit
(TA=25˚C Unless otherwise noted)
(TA=25˚C Unless otherwise noted)
DCReverseVoltage
Mean Rectifying Current
Peak Forward Surge Current @t=1s
Operating Junction Temperature Range
Storage Temperature Range
IFSM
TJ
Tstg
Electrical Characteristics
Min
Typ
Max
BAS516
Item
Marking
Eqivalent Circuitdiagram
Forward Voltage
IF=1mA
IF=10mA
IF=50mA
IF=150mA
VF1
VF2
VF3
VF4
IR1
IR2
-
-
-
-
-
-
-
-
0.715
0.855
1.0
1.25
Reverse Current
VR=25V
VR=75V
Capacitance Between Terminals
VR=0,f=1MHz
Reverse Recovery Time
IF = 10 mA , IR = 10 mA, RL = 100Ω
Measured at IR = 1mA; see Fig.6
2/4
06-Jan-06
Device Marking
4.0
pF
ns
Trr



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com