Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516 Datasheet(PDF) 3 Page - Weitron Technology

Part # BAS516
Description  High Speed Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS516 Datasheet(HTML) 3 Page - Weitron Technology

  BAS516 Datasheet HTML 1Page - Weitron Technology BAS516 Datasheet HTML 2Page - Weitron Technology BAS516 Datasheet HTML 3Page - Weitron Technology BAS516 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WEITRON
http://www.weitron.com.tw
BAS516
3/4
06-Jan-06
Fig.1 Maximum permissible continuous
forward current as a function of
soldering point temperature.
0
100
150
50
200
400
500
300
200
0
100
Ts (
oC)
Fig.2 Forward current as Forward voltage
0
2
300
0
100
200
1
Fig.3 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
Based on square wave currents; Tj = 25 °C prior to surge.
10
tp (µs)
1
100
0.1
10000
100
1000
10
1
Fig.4 Reverse current as Junction temperature
105
104
10
200
0
100
103
102
75 V
25 V
typ
max
V = 75 V
R
typ
0
0.6
0.4
0.2
0
4
8
16
12
VR,Reverse voltage (V)
Fig. 5 Capacitance between terminals characteristics
f = 1 MHz
Tj= 25°C
VF, FORWARD VOLTAGE (V)
Tj= 150°C
typical values
Tj= 25°C
typical values
Tj= 25°C
maximum values
TJ,Junction temperature (°C)
Typical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com