Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B280M Datasheet(PDF) 1 Page - Weitron Technology

Part # B280M
Description  Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B280M Datasheet(HTML) 1 Page - Weitron Technology

  B280M Datasheet HTML 1Page - Weitron Technology B280M Datasheet HTML 2Page - Weitron Technology B280M Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Schottky Barrier Diodes
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 Utilizing Flame
Retardant Epoxy Molding Compound.
* For surface mounted applications.
* Exceeds environmental standards of ML-S-19500 / 228
* Low leakage current
* Case : Molded Plastic, JEDEC SOD-123F / MINI SMA
* Terminals : Solder Plated, Solderable per ML-STD-750 Medthod 2026
* Polarity :Indicated By Cathode Band
* Mounting Position : Any
Features:
B220M thru B2100M
Mechanical Data
REVERSE VOLTAGE
20-100 Volts
FORWARD CURRENT
2.0 Ampere
WEITRON
http://www.weitron.com.tw
* Weight: 0.04 grams
Lead(Pb)-Free
P b
MINI-SMA
(SOD-123F)
MINI-SMA Outline Dimension
unit:mm
A
C
B
H
J
H
3.50
3.90
1.40
1.80
-
0.30(TYP)
H
-
0.70(TYP)
J
1.30
1.70
A
B
C
MINI-SMA
Dim
Min
Max


Similar Part No. - B280M

ManufacturerPart #DatasheetDescription
logo
Knowles Capacitors All ...
B280MB1S JOHANSONMANUFACTURING-B280MB1S Datasheet
1,002Kb / 2P
28.0 GHz Surface Mount Band pass Filter
May 2020
B280MC1S JOHANSONMANUFACTURING-B280MC1S Datasheet
334Kb / 4P
28.0 GHz Surface Mount Bandpass Filter
June 2019
B280MC1S-T JOHANSONMANUFACTURING-B280MC1S-T Datasheet
334Kb / 4P
28.0 GHz Surface Mount Bandpass Filter
June 2019
B280MD1S JOHANSONMANUFACTURING-B280MD1S Datasheet
364Kb / 2P
28GHz n257 5G Surface Mount Bandpass Filter
Jan 2020
B280MD1S-T JOHANSONMANUFACTURING-B280MD1S-T Datasheet
364Kb / 2P
28GHz n257 5G Surface Mount Bandpass Filter
Jan 2020
More results

Similar Description - B280M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com