Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B280M Datasheet(PDF) 2 Page - Weitron Technology

Part # B280M
Description  Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B280M Datasheet(HTML) 2 Page - Weitron Technology

  B280M Datasheet HTML 1Page - Weitron Technology B280M Datasheet HTML 2Page - Weitron Technology B280M Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristics
Symbol
Unit
@TA=25 C
VRRM
IO
IFSM
VF
IR
RθJA
20
30
40
50
60
100
80
14
21
28
35
42
70
56
20
0.5
30
40
50
0.7
60
100
80
0.85
2.0
50
0.5
10
85(TYP)
-55 to+125
-55 to+150
-55 to+150
pF
V
V
V
V
A
A
mA
WEITRON
http://www.weitron.com.tw
B220M B230M B240M B250M B260M B280M B2100M
˚C/W
˚C
˚C
VRMS
CJ
TJ
TSTG
VR
Typical Junction Capacitance
Typical Thermal Resistance
Storage Temperature Range
Device Marking
B220M=22 , B230M=23 , B240M=24 , B250M=25 , B260M=26 , B280M=28 , B2100M=20
MAXIMUM RATING
B220M thru B2100M
Superimposed on Rated Load (JEDEC Method)
8.3 ms Single Half Sine-Wave
Peak Forward Surge Current
Maximum Average Forward (Fig.1)
Continuous Reverse Voltage
Maximum RMS Voltage
Maximum Recurrent Peak Reverse Voltage
Maximum Instantaneous
Maximum DC Reverse Current @TA=25˚C
At Rated DC Blocking Voltage @TA=125˚C
160(TYP)
Operating Temperature Range
2/3
Rev.A 31-Aug-09



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com