Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC15SD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MAC15SD
Description  TRIACS 15 AMPERES RMS 400 THRU 800 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC15SD Datasheet(HTML) 1 Page - Motorola, Inc

  MAC15SD Datasheet HTML 1Page - Motorola, Inc MAC15SD Datasheet HTML 2Page - Motorola, Inc MAC15SD Datasheet HTML 3Page - Motorola, Inc MAC15SD Datasheet HTML 4Page - Motorola, Inc MAC15SD Datasheet HTML 5Page - Motorola, Inc MAC15SD Datasheet HTML 6Page - Motorola, Inc MAC15SD Datasheet HTML 7Page - Motorola, Inc MAC15SD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Thyristor Device Data
Data Sheets
Advance Information
TRIACS
Silicon Bidirectional Thyristors
Designed for industrial and consumer applications for full wave control of ac
loads such as appliance controls, heater controls, motor controls, and other
power switching applications.
• Sensitive Gate allows Triggering by Microcontrollers and other Logic
Circuits
• High Immunity to dv/dt — 25 V/ms minimum at 110_C
• High Commutating di/dt — 8.0 A/ms minimum at 110_C
• Minimum and Maximum Values of IGT, VGT and IH specified for ease of
design
• On-State Current Rating of 15 Amperes RMS at 70_C
• High Surge Current Capability — 120 Amperes
• Blocking Voltage to 800 Volts
• Rugged, Economical TO220AB Package
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Repetitive Off-State Voltage (1)
(TJ = –40 to 110°C, Sine Wave, 50 to 60Hz, Gate Open)
MAC15SD
MAC15SM
MAC15SN
VDRM
400
600
800
Volts
On-State RMS Current
(Full Cycle Sine Wave, 60Hz, TJ = 70°C)
IT(RMS)
15
A
Peak Non-repetitive Surge Current
(One Half Cycle, 60 Hz, TJ = 110°C)
ITSM
120
A
Circuit Fusing Consideration
(t = 8.3 ms)
I2t
60
A2sec
Peak Gate Power
(Pulse Width
≤ 1.0 µs, TC = 70°C)
PGM
20
Watts
Average Gate Power
(t = 8.3 ms, TC = 70°C)
PG(AV)
0.5
Watts
Operating Junction Temperature Range
TJ
– 40 to +110
°C
Storage Temperature Range
Tstg
– 40 to +150
°C
THERMAL CHARACTERISTICS
Thermal Resistance
— Junction to Case
— Junction to Ambient
R
θJC
R
θJA
2.0
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 5 Seconds
TL
260
°C
(1) VDRMforalltypescanbeappliedonacontinuousbasis.Blockingvoltagesshallnotbetestedwithaconstantcurrentsourcesuchthatthevoltage
ratings of the devices are exceeded.
Order this document
by MAC15S/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MAC15S
SERIES
CASE 221A–06
(TO-220AB)
STYLE 4
TRIACS
15 AMPERES RMS
400 THRU 800
VOLTS
MT1
MT2
MT2
G
REV 0


Similar Part No. - MAC15SD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC15SD ONSEMI-MAC15SD Datasheet
140Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
logo
Kersemi Electronic Co.,...
MAC15SD KERSEMI-MAC15SD Datasheet
584Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
MAC15SDG ONSEMI-MAC15SDG Datasheet
140Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
More results

Similar Description - MAC15SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC12D MOTOROLA-MAC12D Datasheet
41Kb / 2P
TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
MAC15-4FP MOTOROLA-MAC15-4FP Datasheet
80Kb / 4P
ISOLATED TRIACs THYRISTORS 15 AMPERES RMS 200 thru 800 VOLTS
MAC15D MOTOROLA-MAC15D Datasheet
133Kb / 4P
TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC16D MOTOROLA-MAC16D Datasheet
133Kb / 4P
TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC4DCM MOTOROLA-MAC4DCM Datasheet
156Kb / 8P
TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
MAC8D MOTOROLA-MAC8D Datasheet
79Kb / 4P
TRIACS 8 AMPERES RMS 400 thru 800 VOLTS
MAC8SD MOTOROLA-MAC8SD Datasheet
753Kb / 8P
TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
MAC9D MOTOROLA-MAC9D Datasheet
78Kb / 4P
TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com