Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3780 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT3780
Description  ActivePath??Battery Charger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT3780 Datasheet HTML 1Page - Active-Semi, Inc ACT3780 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT3780
Product Brief, 29-May-08
Active-Semi
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
PART NUMBER
BATTERY
VOLTAGE
PACKAGE
PINS
TEMPERATURE
RANGE
ACT3780QY-T
4.2V
TQFN44-20
20
-40°C to 85°C
SYSTEM
VOLTAGE
4.6V
ACT3780NY-T
4.2V
4.6V
TDFN3545-20
20
-40°C to 85°C
: Battery and system voltage options detailed in this table represent standard voltage options, and are available for samples or pro-
duction orders. Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
CHGLEV
REF
VOLTAGE SENSE
110°C
THERMAL
REGULATION
GA
System and
Charger Control
ACT3780
Body
Control
CURRENT SENSE
Body
Control
BAT
SYS
CHG_IN
+
–
DC
EN
ACIN
BTR
BLV1
BLV2
nACOK
STAT3
STAT2
STAT1
TH
ISET
DCCC
+
-
Active-Semi



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com