Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3780 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT3780
Description  ActivePath??Battery Charger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT3780 Datasheet HTML 1Page - Active-Semi, Inc ACT3780 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePath
TM is a trademark of Active-Semi.
ACT3780
Product Brief, 29-May-08
Advanced Information―All Information Subject to Change
ActivePath
TM Battery Charger
SIMPLIFIED APPLICATION CIRCUIT
FEATURES
• ActivePathTM System Power Selection of Best
Available Input Supply
• 40mΩ Battery Switch for Highest Efficiency
• Dynamic Control of Charging Current Allowing
System to Draw Maximum Load from AC/USB
Input
• ±0.5% Battery Voltage Accuracy
• Up to 12V Input
• Thermal Regulation for Charge Control
• Charge Status Outputs for LED or System
Interface
• Battery Voltage Level Indication
• Programmable Fast Charge Current
• Programmable Charging Timer
• Low Reverse Leakage Current
• Short-Circuit and Thermal Protection
• Preconditioning for Deeply Depleted Battery
• Low Quiescent Current Standby Mode
• Space-Saving, Thermally-Enhanced TQFN44-20
or TDFN3545-20 Packages
APPLICATIONS
• Personal Navigation Devices
• Smart Mobile Phones
• Blue-Tooth Devices
• Portable Media Players
• Portable Devices
GENERAL DESCRIPTION
The ACT3780 is a complete battery charging and
management solution for one cell Lithium-Ion or Lith-
ium-Polymer battery. The ACT3780 incorporates the
ActivePath
architecture which automatically selects
the best available input supply for the system.
When an external power source such as an AC
adapter or a USB port is connected in, the ACT3780
regulates the system voltage to 4.8V in addition to
providing charging current to the battery. If the exter-
nal input source is not present or the system load
current is more than the input source can provide,
the ActivePath supplies additional current from the
battery to the system.
The ACT3780 charger is a complete, thermally
regulated, stand-alone single cell linear Li+ charger
that integrates an internal power 12V MOSFET. The
battery regulation voltage is ±0.5% accurate, and is
factory programmed from 4.2V (other voltages avail-
able upon request).
The ACT3780 is available in an thermally enhanced
4mm x 4mm Thin-QFN and 3.5mm × 4.5mm Thin-
DFN 20-pin packages.
ACT3780
CHG_IN
ISET
To SYSTEM
STAT1
STAT2
BAT
Li-ion Battery
AC Adapter/USB
+
TM
Path
Path
Active
SYS
Active-Semi
Pb
Pb-free


Similar Part No. - ACT3780

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT3780 ACTIVE-SEMI-ACT3780 Datasheet
514Kb / 20P
50mΩ Battery Switch for Highest Efficiency
Rev 8, 09-Jul-13
ACT3780QY-T ACTIVE-SEMI-ACT3780QY-T Datasheet
101Kb / 2P
ActivePath Battery Charger
05-Dec-12
ACT3780QY-T ACTIVE-SEMI-ACT3780QY-T Datasheet
514Kb / 20P
50mΩ Battery Switch for Highest Efficiency
Rev 8, 09-Jul-13
ACT3780QY410-T ACTIVE-SEMI-ACT3780QY410-T Datasheet
101Kb / 2P
ActivePath Battery Charger
05-Dec-12
ACT3780QY410-T ACTIVE-SEMI-ACT3780QY410-T Datasheet
514Kb / 20P
50mΩ Battery Switch for Highest Efficiency
Rev 8, 09-Jul-13
More results

Similar Description - ACT3780

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSAC-8507BC STMICROELECTRONICS-GSAC-8507BC Datasheet
60Kb / 4P
BATTERY CHARGER
Feb-1994
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
BATTERY CHARGER
GSCC-8.507BC-E
logo
Holtek Semiconductor In...
HT7470 HOLTEK-HT7470 Datasheet
430Kb / 7P
Fast Battery Charger
25th Aug 94
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
BATTERY CHARGER
Feb-1994
logo
Active-Semi, Inc
ACT3780 ACTIVE-SEMI-ACT3780_12 Datasheet
101Kb / 2P
ActivePath Battery Charger
05-Dec-12
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
Linear Battery Charger
Rev 0; 9/08
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
Backup Battery Charger
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
Battery Charger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com