Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8935 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8935
Description  Nine Channel ActivePath??Power Management IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8935 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8935 Datasheet HTML 1Page - Active-Semi, Inc ACT8935 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT8935
Product Brief, 24-Sep-09
Active-Semi
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
PRODUCT OPTIONS
FUNCTIONAL BLOCK DIAGRAM
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders.
Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: Contact factory for additional available products or custom requirements.
REG6
LDO
REG7
LDO
ACT8935
Charge
Control
CHGIN
BAT
CURRENT SENSE
VOLTAGE SENSE
4.3V to 7V
AC Adaptor
USB
Li+ Battery
BODY
SWITCH
SDA
ActivePath
Control
System Supply
VSYS
BODY
SWITCH
2.9V
PRE-
CONDITION
110°C
THERMAL
REGULATION
VP2
GP12
SW2
OUT2
OUT2
VP1
GP12
SW1
OUT1
OUT1
To VSYS
(Optional)
TH
OUT7
OUT6
REG5
LDO
OUT5
OUT7
OUT6
OUT5
System
Control
nIRQ
REG4
LDO
OUT4
OUT4
INL
REFBP
Reference
ACIN
ISET
VP3
GP3
SW3
OUT3
OUT3
+
CHGLEV
GA
EP
nSTAT
CHARGE STATUS
VSYS
To VSYS
To VSYS
To VSYS
nPBSTAT
PWRHLD
PWREN
SCL
PBIN
PUSH BUTTON
nRSTO
EXTON
nLBO
1.2V
-
+
LBI
VSYS
BAT
100µA
Active-Semi
Block
Function
Output Voltage
Capability
ActivePath
System Power Selection
4.6V
Up to 2.4A
CHGR
Battery Charger
4.20V (4.10V to 4.30V available)
Programmable up to 1A
REG1
Step-Down DC/DC
0.6V to 3.9V
900mA
REG2
Step-Down DC/DC
700mA
REG3
Step-Down DC/DC
900mA
REG4
LDO
0.6V to 3.9V
150mA
REG5
LDO
150mA
REG6
LDO
150mA
REG7
LDO
150mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com