Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8935 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8935
Description  Nine Channel ActivePath??Power Management IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8935 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8935 Datasheet HTML 1Page - Active-Semi, Inc ACT8935 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2009Active-Semi, Inc.
ActivePMUTM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of Philips Electronics.
Product Brief, 24-Sep-09
Advanced Information―All Information Subject to Change
ACT8935
SYSTEM BLOCK DIAGRAM
Active-Semi
Nine Channel ActivePathTM Power Management IC
FEATURES
• ActivePathTM Li+ Charger with System Power
Selection
• Seven Integrated Regulators
− 2×900mA High Efficiency Step-Down
DC/DCs
− 700mA High Efficiency Step-Down DC/DC
− 4×150mA Low Noise, High PSRR LDOs
• Flexible Interrupt Control
• I2CTM Serial Interface
• Minimal External Components
• Compatible with USB or AC-Adapter Charging
• 5x5mm, Thin-QFN (TQFN55-40) Package
− Only 0.75mm Height,
− RoHS Compliant
APPLICATIONS
• Personal Navigation Devices
• Portable Media Players
• Smart Phones
GENERAL DESCRIPTION
The ACT8935 is a complete, cost effective, highly-
efficient ActivePMUTM power management solution
that is ideal for a wide range of high performance
portable handheld applications such as personal
navigation devices (PNDs). This device integrates
the ActivePathTM complete battery charging and
management system with seven power supply
channels.
The ActivePath architecture automatically selects
the best available input supply for the system. If the
external input source is not present or the system
load current is more than the input source can
provide, the ActivePath supplies additional current
from the battery to the system. The charger is a
complete, thermally-regulated, stand-alone single-
cell Li+ charger.
REG1, REG2, and REG3 are fixed-frequency,
current-mode step-down DC/DC converters. REG1
and REG3 are capable of supplying up to 900mA of
output current, while REG2 supports up to 700mA.
REG4, REG5, REG6, and REG7 are high
performance,
low-noise,
low-dropout
linear
regulators that output up to 150mA each. Finally, an
I2C serial interface provides programmability for the
DC/DC converters and LDOs.
Pb
Pb-free
OUT2
0.6V to 3.9V
Up to 700mA
OUT5
0.6V to 3.9V
Up to 150mA
System
Control
OUT4
0.6V to 3.9V
Up to 150mA
PBIN
SCL
ActivePathTM
&
Single-Cell Li+
Battery Charger
Li+ Battery
VSYS
OUT1
0.6V to 3.9V
Up to 900mA
PWRHLD
SDA
OUT7
0.6V to 3.9V
Up to 150mA
OUT6
0.6V to 3.9V
Up to 150mA
PWREN
nRSTO
nIRQ
nPBSTAT
nLBO
TH
ACT8935
CHGIN
ACIN
nSTAT
ISET
REG6
LDO
REG5
LDO
REG4
LDO
REG2
Step-Down
DC/DC
REG1
Step-Down
DC/DC
REG7
LDO
OUT3
0.6V to 3.9V
Up to 900mA
REG3
Step-Down
DC/DC
LBI
CHGLEV
EXTON
PMU
PMU
PMU TM
Active


Similar Part No. - ACT8935

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8935 ACTIVE-SEMI-ACT8935 Datasheet
98Kb / 2P
Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8935 ACTIVE-SEMI-ACT8935 Datasheet
710Kb / 46P
Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
ACT8935QJ10D-T ACTIVE-SEMI-ACT8935QJ10D-T Datasheet
710Kb / 46P
Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
ACT8935QJ1E2-T ACTIVE-SEMI-ACT8935QJ1E2-T Datasheet
710Kb / 46P
Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
More results

Similar Description - ACT8935

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Active-Semi, Inc
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
150Kb / 2P
Eight Channel ActivePath??Power Management IC
12-Mar-09
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
141Kb / 2P
Six Channel ActivePath??Power Management IC
12-Mar-09
ACT8810 ACTIVE-SEMI-ACT8810_09 Datasheet
889Kb / 52P
Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
ACT8810 ACTIVE-SEMI-ACT8810_10 Datasheet
760Kb / 53P
Eight Channel ActivePath??Power Management IC
Rev 8, 08-Oct-10
ACT8810 ACTIVE-SEMI-ACT8810_12 Datasheet
768Kb / 53P
Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_12 Datasheet
720Kb / 50P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810_14 Datasheet
766Kb / 54P
Eight Channel ActivePathTM Power Management IC
Rev 9, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_14 Datasheet
719Kb / 51P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com