Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8342 Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT8342
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8342 Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT8342_08 Datasheet HTML 9Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 10Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 11Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 12Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 13Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 14Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 15Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 16Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 17Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ACT8342
Rev0, 26-May-08
LOW-DROPOUT LINEAR REGULATORS
Innovative Power
TM
- 16 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
FUNCTIONAL DESCRIPTION
General Description
REG2 and REG3 are low-noise, low-dropout linear
regulators (LDOs) that are optimized for low-noise
and high-PSRR operation, achieving more than
60dB PSRR at frequencies up to 10kHz.
Output Current Capability
REG2 supplies up to 80mA while REG3 supplies up
to 150mA of load current. Excellent performance is
achieved over each regulator's entire load current
ranges.
Output Current Limit
In order to ensure safe operation under over-load
conditions, each LDO features current-limit circuitry
with current fold-back. The current-limit circuitry
limits the current that can be drawn from the output,
providing protection in over-load conditions. For
additional protection under extreme over current
conditions, current-fold-back protection reduces the
current-limit by approximately 30% under extreme
overload conditions.
Enabling and Disabling the LDOs
REG2 and REG3 is enabled or disabled using ON2
and ON3. Drive ON2 and ON3 to a logic-high to
enable REG2 and REG3. Drive ON2 and ON3 to a
logic-low to disable REG2 and REG3, reducing
supply current to less than 1µA.
Output Capacitor Selection
REG2 and REG3 each require only a small ceramic
capacitor for stability. For best performance, each
output capacitor should be connected directly be-
tween the OUT2 and OUT3 and G pins as possible,
with a short and direct connection. To ensure best
performance for the device, the output capacitor
should have a minimum capacitance of 1µF, and
ESR value between 10mΩ and 200mΩ. High quality
ceramic capacitors such as X7R and X5R dielectric
types are strongly recommended.
PCB Layout Considerations
The ACT8342’s LDOs provide good DC, AC, and
noise performance over a wide range of operating
conditions, and are relatively insensitive to layout
considerations. When designing a PCB, however,
careful layout is necessary to prevent other circuitry
from degrading LDO performance.
A good design places input and output capacitors
as close to the LDO inputs and output as possible,
and utilizes a star-ground configuration for all regu-
lators to prevent noise-coupling through ground.
Output traces should be routed to avoid close prox-
imity to noisy nodes, particularly the SW nodes of
the DC/DCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com