Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8342 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT8342
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8342 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT8342_08 Datasheet HTML 2Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 3Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 4Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 5Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 6Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 7Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 8Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 9Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ACT8342
Rev0, 26-May-08
SYSTEM MANAGEMENT
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
ELECTRICAL CHARACTERISTICS
(VINL = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INL Operating Voltage Range
2.7
5.5
V
INL UVLO Threshold
INL Voltage Rising
2.25
2.5
2.7
V
INL UVLO Hysteresis
INL Voltage Falling
90
mV
Oscillator Frequency
1.35
1.6
1.85
MHz
INL Supply Current
ON1 = ON2 = ON3 = GA
1.5
µA
nMSTR Internal Pull-Up Resistance
250
500
kΩ
Logic High Input Voltage
ON1, ON2, ON3, nMSTR
1.4
V
Logic Low Input Voltage
ON1, ON2, ON3, nMSTR
0.4
V
Logic Low Output Voltage
ISINK = 5mA
0.3
V
Thermal Shutdown Temperature
Temperature rising
160
°C
Thermal Shutdown Hysteresis
Temperature falling
20
°C
Leakage Current
nIRQ, nRSTO, VnRSTO = VnIRQ = 4.2V
1
µA
nRSTO Delay
240
300
360
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com