Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8740 Datasheet(PDF) 20 Page - Active-Semi, Inc

Part # ACT8740
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8740 Datasheet(HTML) 20 Page - Active-Semi, Inc

Back Button ACT8740 Datasheet HTML 16Page - Active-Semi, Inc ACT8740 Datasheet HTML 17Page - Active-Semi, Inc ACT8740 Datasheet HTML 18Page - Active-Semi, Inc ACT8740 Datasheet HTML 19Page - Active-Semi, Inc ACT8740 Datasheet HTML 20Page - Active-Semi, Inc ACT8740 Datasheet HTML 21Page - Active-Semi, Inc ACT8740 Datasheet HTML 22Page - Active-Semi, Inc ACT8740 Datasheet HTML 23Page - Active-Semi, Inc ACT8740 Datasheet HTML 24Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
WLED BIAS DC/DC CONVERTER
ACT8740
Rev PrB, 25-Feb-08
Innovative Products. Active Solutions.
- 20 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
ELECTRICAL CHARACTERISTICS
(VVSYS = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range
2
5.5
V
UVLO Voltage Threshold
VSYS Voltage Rising
2.9
3
3.1
V
UVLO Voltage Hysteresis
VSYS Voltage Falling
80
mV
Supply Current
REG2/ON[ ] = [1], VFB2 = 0.3V
75
150
REG2/ON[ ] = [0], ILOAD = 0mA
0.1
1
FB2 Feedback Voltage
235
255
275
mV
FB2 Input Current
50
nA
Oscillator Frequency
1.35
1.6
1.85
MHz
Maximum Duty Cycle
85
90
%
Switch Current Limit
Duty = 83%, L = 22µH, COUT2 = 4.7µF
500
750
mA
Switch On-Resistance
ISW2 = 100mA
0.67
1.1
Ω
Switch Leakage Current
VSW2 = 30V, Regulator Disabled
10
µA
Over Voltage Threshold
VSET[ ] = [111111]
27.5
28.5
29.5
V
µA
Minimum On-Time
100
ns
: As long as VSYS is within the VSYS operating range, this spec refers to the voltage range of the input that the inductor is connected
to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com