Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8740 Datasheet(PDF) 25 Page - Active-Semi, Inc

Part # ACT8740
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8740 Datasheet(HTML) 25 Page - Active-Semi, Inc

Back Button ACT8740 Datasheet HTML 21Page - Active-Semi, Inc ACT8740 Datasheet HTML 22Page - Active-Semi, Inc ACT8740 Datasheet HTML 23Page - Active-Semi, Inc ACT8740 Datasheet HTML 24Page - Active-Semi, Inc ACT8740 Datasheet HTML 25Page - Active-Semi, Inc ACT8740 Datasheet HTML 26Page - Active-Semi, Inc ACT8740 Datasheet HTML 27Page - Active-Semi, Inc ACT8740 Datasheet HTML 28Page - Active-Semi, Inc ACT8740 Datasheet HTML 29Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
WLED BIAS DC/DC CONVERTER
ACT8740
Rev PrB, 25-Feb-08
Innovative Products. Active Solutions.
- 25 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
adjusted using the ACT8740’s Direct-PWM fea-
ture. REG2 is also compatible with a variety of
well-known LED dimming circuits, such as with a
DC control voltage and a filtered PWM signal.
PCB Layout Considerations
High switching frequencies and large peak currents
make PC board layout a very important part of the
design. Good design minimizes excessive EMI on
the feedback paths and voltage gradients in the
ground plane, both of which can result in instability
or regulation errors. Step-up DC/DCs exhibit con-
tinuous input current, so there is some amount of
flexibility in placing vias in the input capacitor circuit.
The inductor, input filter capacitor, rectifier, and out-
put filter capacitor should be connected as close
together as possible, with short, direct, and wide
traces. Connect the ground nodes together in a star
configuration, with a direct connection to the ex-
posed pad. Finally, the exposed pad should be di-
rectly connected to the backside ground plane us-
ing multiple vias to achieve low electrical and ther-
mal resistance. Note that since the LED string is a
low, DC-current path, it does not generally require
special layout consideration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com