Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6330 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT6330
Description  Dual PWM Step-Up DC/DCs in TQFN33
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6330 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT6330 Datasheet HTML 6Page - Active-Semi, Inc ACT6330 Datasheet HTML 7Page - Active-Semi, Inc ACT6330 Datasheet HTML 8Page - Active-Semi, Inc ACT6330 Datasheet HTML 9Page - Active-Semi, Inc ACT6330 Datasheet HTML 10Page - Active-Semi, Inc ACT6330 Datasheet HTML 11Page - Active-Semi, Inc ACT6330 Datasheet HTML 12Page - Active-Semi, Inc ACT6330 Datasheet HTML 13Page - Active-Semi, Inc ACT6330 Datasheet HTML 14Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ACT6330
Rev0, 02-Apr-08
STEP-UP DC/DC CONVERTER (REG2)
Innovative Power
TM
- 11 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
FUNCTIONAL DESCRIPTION
General Description
REG2 is a highly efficient step-up DC/DC converter
that employs a fixed frequency, current-mode,
PWM architecture. This regulator is optimized for
use in a wide range of applications including gen-
eration constant voltage of up to 20V.
Over-Voltage Protection
REG2 features internal over-voltage protection
(OVP) circuitry which protects the system from fault
conditions. The ACT6330’s OVP threshold is set at
22V, and if necessary, regulates the output voltage
to ensure that it never exceeds this voltage.
ACT6330 requires a 10kΩ resistor connected from
output capacitor to OVP2 pin.
Thermal Protection
The Thermal shutdown protection prevents exces-
sive thermal stress, please refer to Thermal Shut-
down Protection
for more information.
Enabling and Disabling REG2
REG2 is enabled or disabled using ON2. Drive ON2
to a logic-high to enable REG2. Drive ON2 to a
logic-low to disable REG2, reducing supply current
to less than 1µA. As with all non-synchronous step-
up DC/DC converter, REG2’s application circuit pro-
cedures a DC current path between the input and
the output in shutdown mode. It is important to con-
sider the effect that this may have in your applica-
tion.
Soft-start
REG2 includes soft-start circuitry. When enabled,
the output voltage of REG2 tracks an internal 80µs
soft-start ramp.
As seen in Figure 1 and Figure 2, the output tracks
the internal soft-start ramp and powers up in a
monotonic maner that is independent of loading.
This circuitry ensures that the output powers up in a
controlled maner, greatly simplifying power turn-on
design considerations.
Compensation and Stability
REG2 utilizes current-mode control and an internal
compensation network to optimize transient per-
formance, ease compensation, and improve stabil-
ity over a wide range of operating conditions. REG2
is a flexible regulator, and with just a simple compo-
nent, choice can be optimized to achieve minimum
total solution size in applications that require the
smallest possible footprint, or can be optimized to
achieve the highest possible efficiency.
Figure 1:
REG2 Startup Waveform into no load
Figure 2:
REG2 Startup Waveform into full load
Output Voltage Selection
Figure 3 shows the feedback network necessary to
set the output voltage when using the adjustable
voltage option. Select components as follows: Set
RFB2 = 51kΩ, then caculate RFB1 using the following
equation:
Where VFB2 is 1.25V.
Figure 3:
Output Voltage Setting
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
2
FB
1
FB
2
FB
2
OUT
R
R
1
V
V
(1)
CH2
CH1
CH1: VON2, 2V/div
CH2: VOUT2, 5V/div
TIME: 250µs/div
CH2
CH1
CH1: VON2, 2V/div
CH2: VOUT2, 5V/div
TIME: 250µs/div
RFB1
RFB2
VOUT2
ACT6330
FB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com