Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6330 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT6330
Description  Dual PWM Step-Up DC/DCs in TQFN33
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6330 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT6330 Datasheet HTML 6Page - Active-Semi, Inc ACT6330 Datasheet HTML 7Page - Active-Semi, Inc ACT6330 Datasheet HTML 8Page - Active-Semi, Inc ACT6330 Datasheet HTML 9Page - Active-Semi, Inc ACT6330 Datasheet HTML 10Page - Active-Semi, Inc ACT6330 Datasheet HTML 11Page - Active-Semi, Inc ACT6330 Datasheet HTML 12Page - Active-Semi, Inc ACT6330 Datasheet HTML 13Page - Active-Semi, Inc ACT6330 Datasheet HTML 14Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ACT6330
Rev0, 02-Apr-08
STEP-UP DC/DC CONVERTER (REG2)
Innovative Power
TM
- 13 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
TYPICAL PERFORMANCE CHARACTERISTICS
(ACT6330QK, VIN = 3.6V, L = 22µH, CIN = 2.2µF, COUT = 2.2µF, TA = 25°C, unless otherwise specified.)
REG2 RDSON
900
800
700
600
500
400
300
3.0
3.5
4.0
4.5
5.0
CH1
CH2
REG2 Over-Voltage Protection
CH1: VOUT2, 10V/div
CH2: VFB2, 200mV/div
TIME: 2ms/div
0V
200
REG2 Efficiency vs. Output Current
Output Current (mA)
40
200
50
60
70
80
100
0
50
100
90
3.6V
4.2V
30
150
VOUT2 = 12V
IN Voltage (V)
5.5
2.5
3.0
3.5
4.0
4.5
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com